Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 14 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 14 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 10Page - Microchip Technology CAP1133 Datasheet HTML 11Page - Microchip Technology CAP1133 Datasheet HTML 12Page - Microchip Technology CAP1133 Datasheet HTML 13Page - Microchip Technology CAP1133 Datasheet HTML 14Page - Microchip Technology CAP1133 Datasheet HTML 15Page - Microchip Technology CAP1133 Datasheet HTML 16Page - Microchip Technology CAP1133 Datasheet HTML 17Page - Microchip Technology CAP1133 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
CAP1133
DS00001625B-page 14
 2015 Microchip Technology Inc.
5.0
GENERAL DESCRIPTION
The CAP1133 is a multiple channel Capacitive Touch sensor with multiple power LED drivers. It contains three (3) indi-
vidual capacitive touch sensor inputs with programmable sensitivity for use in touch sensor applications. Each sensor
input automatically recalibrates to compensate for gradual environmental changes.
The CAP1133 also contains three (3) low side (or push-pull) LED drivers that offer full-on / off, variable rate blinking,
dimness controls, and breathing. Each of the LED drivers may be linked to one of the sensor inputs to be actuated when
a touch is detected. As well, each LED driver may be individually controlled via a host controller.
The CAP1133 offers multiple power states. It operates at the lowest quiescent current during its Deep Sleep state. In
the low power Standby state, it can monitor one or more channels and respond to communications normally.
The device communicates with a host controller using SMBus / I2C. The host controller may poll the device for updated
information at any time or it may configure the device to flag an interrupt whenever a touch is detected on any sensor
pad.
A typical system diagram is shown in Figure 5-1.
5.1
Power States
The CAP1133 has three operating states depending on the status of the STBY and DSLEEP bits. When the device tran-
sitions between power states, previously detected touches (for inactive channels) are cleared and the status bits reset.
1.
Fully Active - The device is fully active. It is monitoring all active capacitive sensor inputs and driving all LED chan-
nels as defined.
2.
Standby - The device is in a lower power state. It will measure a programmable number of channels using the
Standby Configuration controls (see Section 6.20 through Section 6.22). Interrupts will still be generated based
on the active channels. The device will still respond to communications normally and can be returned to the Fully
Active state of operation by clearing the STBY bit.
FIGURE 5-1:
System Diagram for CAP1133
CAP1133
LED3
Embedded Controller
VDD
LED2
LED1
CS3
CS2
CS1
Touch
Button
Touch
Button
Touch
Button
3.3V – 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com