Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 38 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 38 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 34Page - Microchip Technology CAP1133 Datasheet HTML 35Page - Microchip Technology CAP1133 Datasheet HTML 36Page - Microchip Technology CAP1133 Datasheet HTML 37Page - Microchip Technology CAP1133 Datasheet HTML 38Page - Microchip Technology CAP1133 Datasheet HTML 39Page - Microchip Technology CAP1133 Datasheet HTML 40Page - Microchip Technology CAP1133 Datasheet HTML 41Page - Microchip Technology CAP1133 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
CAP1133
DS00001625B-page 38
 2015 Microchip Technology Inc.
The data presented is determined by the BASE_SHIFT[3:0] bits (see Section 6.5).
6.25
LED Output Type Register
The LED Output Type register controls the type of output for the LED pins. Each pin is controlled by a single bit. Refer
to application note 21.4 CAP1133Family LED Configuration Options for more information about implementing LEDs.
Bit 2 - LED3_OT - Determines the output type of the LED3 pin.
• ‘0’ (default) - The LED3 pin is an open-drain output with an external pull-up resistor. When the appropriate pin is
set to the “active” state (logic ‘1’), the pin will be driven low. Conversely, when the pin is set to the “inactive” state
(logic ‘0’), the pin will be left in a High Z state and pulled high via an external pull-up resistor.
• ‘1’ - The LED3 pin is a push-pull output. When driving a logic ‘1’, the pin is driven high. When driving a logic ‘0’, the
pin is driven low.
Bit 1 - LED2_OT - Determines the output type of the LED2 pin.
Bit 0 - LED1_OT - Determines the output type of the LED1 pin.
6.26
Sensor Input LED Linking Register
The Sensor Input LED Linking register controls whether a capacitive touch sensor input is linked to an LED output. If
the corresponding bit is set, then the appropriate LED output will change states defined by the LED Behavior controls
(see Section 6.31) in response to the capacitive touch sensor input.
Bit 2 - CS3_LED3 - Links the LED3 output to a detected touch on the CS3 sensor input. When a touch is detected, the
LED is actuated and will behave as determined by the LED Behavior controls.
• ‘0’ (default) - The LED 3 output is not associated with the CS3 input. If a touch is detected on the CS3 input, the
LED will not automatically be actuated. The LED is enabled and controlled via the LED Output Control register
(see Section 6.28) and the LED Behavior registers (see Section 6.31).
• ‘1’ - The LED 3 output is associated with the CS3 input. If a touch is detected on the CS3 input, the LED will be
actuated and behave as defined in Table 6-52.
Bit 1 - CS2_LED2 - Links the LED2 output to a detected touch on the CS2 sensor input. When a touch is detected, the
LED is actuated and will behave as determined by the LED Behavior controls.
Bit 0 - CS1_LED1 - Links the LED1 output to a detected touch on the CS1 sensor input. When a touch is detected, the
LED is actuated and will behave as determined by the LED Behavior controls.
6.27
LED Polarity Register
TABLE 6-44:
LED OUTPUT TYPE REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
71h
R/W
LED Output
Type
--
-
-
-
LED3_
OT
LED2_
OT
LED1_
OT
00h
TABLE 6-45:
SENSOR INPUT LED LINKING REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
72h
R/W
Sensor Input
LED Linking
---
-
-
CS3_
LED3
CS2_
LED2
CS1_
LED1
00h
TABLE 6-46:
LED POLARITY REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
73h
R/W
LED Polarity
-
-
-
-
-
LED3_
POL
LED2_
POL
LED1_
POL
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com