Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 33 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 33 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 29Page - Microchip Technology CAP1133 Datasheet HTML 30Page - Microchip Technology CAP1133 Datasheet HTML 31Page - Microchip Technology CAP1133 Datasheet HTML 32Page - Microchip Technology CAP1133 Datasheet HTML 33Page - Microchip Technology CAP1133 Datasheet HTML 34Page - Microchip Technology CAP1133 Datasheet HTML 35Page - Microchip Technology CAP1133 Datasheet HTML 36Page - Microchip Technology CAP1133 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
 2015 Microchip Technology Inc.
DS00001625B-page 33
CAP1133
Bit 1 - CS2_PTRN - Determines whether CS2 is considered as part of the Multiple Touch Pattern.
Bit 0 - CS1_PTRN - Determines whether CS1 is considered as part of the Multiple Touch Pattern.
6.17
Recalibration Configuration Register
The Recalibration Configuration register controls the automatic re-calibration routine settings as well as advanced con-
trols to program the Sensor Input Threshold register settings.
Bit 7 - BUT_LD_TH - Enables setting all Sensor Input Threshold registers by writing to the Sensor Input 1 Threshold
register.
• ‘0’ - Each Sensor Input X Threshold register is updated individually.
• ‘1’ (default) - Writing the Sensor Input 1 Threshold register will automatically overwrite the Sensor Input Threshold
registers for all sensor inputs (Sensor Input Threshold 1 through Sensor Input Threshold 3). The individual Sensor
Input X Threshold registers (Sensor Input 2 Threshold and Sensor Input 3 Threshold) can be individually updated
at any time.
Bit 6 - NO_CLR_INTD - Controls whether the accumulation of intermediate data is cleared if the noise status bit is set.
• ‘0’ (default) - The accumulation of intermediate data is cleared if the noise status bit is set.
• ‘1’ - The accumulation of intermediate data is not cleared if the noise status bit is set.
APPLICATION NOTE: Bits 5 and 6 should both be set to the same value. Either both should be set to ‘0’ or both
should be set to ‘1’.
Bit 5 - NO_CLR_NEG - Controls whether the consecutive negative delta counts counter is cleared if the noise status bit
is set.
• ‘0’ (default) - The consecutive negative delta counts counter is cleared if the noise status bit is set.
• ‘1’ - The consecutive negative delta counts counter is not cleared if the noise status bit is set.
Bits 4 - 3 - NEG_DELTA_CNT[1:0] - Determines the number of negative delta counts necessary to trigger a digital re-
calibration as shown in Table 6-30.
Bits 2 - 0 - CAL_CFG[2:0] - Determines the update time and number of samples of the automatic re-calibration routine.
The settings apply to all sensor inputs universally (though individual sensor inputs can be configured to support re-cal-
ibration - see Section 6.11).
TABLE 6-29:
RECALIBRATION CONFIGURATION REGISTERS
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
2Fh
R/W
Recalibration
Configuration
BUT_
LD_TH
NO_
CLR_
INTD
NO_
CLR_
NEG
NEG_DELTA_
CNT[1:0]
CAL_CFG[2:0]
8Ah
TABLE 6-30:
NEG_DELTA_CNT BIT DECODE
NEG_DELTA_CNT[1:0]
Number of Consecutive Negative Delta Count Values
10
00
8
0
1
16 (default)
10
32
1
1
None (disabled)
TABLE 6-31:
CAL_CFG BIT DECODE
CAL_CFG[2:0]
Recalibration Samples
(see Note 6-1)
Update Time (see
Note 6-2)
21
0
0
0
0
16
16
00
1
32
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com