Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 32 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 32 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 28Page - Microchip Technology CAP1133 Datasheet HTML 29Page - Microchip Technology CAP1133 Datasheet HTML 30Page - Microchip Technology CAP1133 Datasheet HTML 31Page - Microchip Technology CAP1133 Datasheet HTML 32Page - Microchip Technology CAP1133 Datasheet HTML 33Page - Microchip Technology CAP1133 Datasheet HTML 34Page - Microchip Technology CAP1133 Datasheet HTML 35Page - Microchip Technology CAP1133 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
CAP1133
DS00001625B-page 32
 2015 Microchip Technology Inc.
4.
All sensor inputs will remain blocked so long as the requisite number of sensor inputs are above the MTP thresh-
old or have Noise Flag Status bits set. Once this condition is removed, touch detection will be restored. Note that
the MTP status bit is only cleared by writing a ‘0’ to the INT bit once the condition has been removed.
Bit 7 - MTP_EN - Enables the multiple touch pattern detection circuitry.
• ‘0’ (default) - The MTP detection circuitry is disabled.
• ‘1’ - The MTP detection circuitry is enabled.
Bits 3-2 - MTP_TH[1:0] - Determine the MTP threshold, as shown in Table 6-27. This threshold is a percentage of sensor
input threshold (see Section 6.18, "Sensor Input Threshold Registers") when the device is in the Fully Active state or of
the standby threshold (see Section 6.23, "Standby Threshold Register") when the device is in the Standby state.
Bit 1 - COMP_PTRN - Determines whether the MTP detection circuitry will use the Multiple Touch Pattern register as a
specific pattern of sensor inputs or as an absolute number of sensor inputs.
• ‘0’ (default) - The MTP detection circuitry will use the Multiple Touch Pattern register bit settings as an absolute
minimum number of sensor inputs that must be above the threshold or have Noise Flag Status bits set. The num-
ber will be equal to the number of bits set in the register.
• ‘1’ - The MTP detection circuitry will use pattern recognition. Each bit set in the Multiple Touch Pattern register
indicates a specific sensor input that must have a delta count greater than the MTP threshold or have a Noise Flag
Status bit set. If the criteria are met, the MTP status bit will be set.
Bit 0 - MTP_ALERT - Enables an interrupt if an MTP event occurs. In either condition, the MTP status bit will be set.
• ‘0’ (default) - If an MTP event occurs, the ALERT# pin is not asserted.
• ‘1’ - If an MTP event occurs, the ALERT# pin will be asserted.
6.16
Multiple Touch Pattern Register
The Multiple Touch Pattern register acts as a pattern to identify an expected sensor input profile for diagnostics or other
significant events. There are two methods for how the Multiple Touch Pattern register is used: as specific sensor inputs
or number of sensor input that must exceed the MTP threshold or have Noise Flag Status bits set. Which method is used
is based on the COMP_PTRN bit (see Section 6.15). The methods are described below.
1.
Specific Sensor Inputs: If, during a single polling cycle, the specific sensor inputs above the MTP threshold or
with Noise Flag Status bits set match those bits set in the Multiple Touch Pattern register, an MTP event is
flagged.
2.
Number of Sensor Inputs: If, during a single polling cycle, the number of sensor inputs with a delta count above
the MTP threshold or with Noise Flag Status bits set is equal to or greater than the number of pattern bits set, an
MTP event is flagged.
Bit 2 - CS3_PTRN - Determines whether CS3 is considered as part of the Multiple Touch Pattern.
• ‘0’ - CS3 is not considered a part of the pattern.
• ‘1’ - CS3 is considered a part of the pattern or the absolute number of sensor inputs that must have a delta count
greater than the MTP threshold or have the Noise Flag Status bit set is increased by 1.
TABLE 6-27:
MTP_TH BIT DECODE
MTP_TH[1:0]
Threshold Divide Setting
10
0
0
12.5% (default)
01
25%
1
0
37.5%
1
1
100%
TABLE 6-28:
MULTIPLE TOUCH PATTERN REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
2Dh
R/W
Multiple
Touch Pattern
--
-
CS3_
PTRN
CS2_
PTRN
CS1_
PTRN
07h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com