Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 22 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 22 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 18Page - Microchip Technology CAP1133 Datasheet HTML 19Page - Microchip Technology CAP1133 Datasheet HTML 20Page - Microchip Technology CAP1133 Datasheet HTML 21Page - Microchip Technology CAP1133 Datasheet HTML 22Page - Microchip Technology CAP1133 Datasheet HTML 23Page - Microchip Technology CAP1133 Datasheet HTML 24Page - Microchip Technology CAP1133 Datasheet HTML 25Page - Microchip Technology CAP1133 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
CAP1133
DS00001625B-page 22
 2015 Microchip Technology Inc.
Bit 5 - STBY - Enables Standby.
• ‘0’ (default) - Sensor input scanning is active and LEDs are functional.
• ‘1’ - Capacitive touch sensor input scanning is limited to the sensor inputs set in the Standby Channel register (see
Section 6.20). The status registers will not be cleared until read. LEDs that are linked to capacitive touch sensor
inputs will remain linked and active. Sensor inputs that are no longer sampled will flag a release and then remain
in a non-touched state. LEDs that are manually controlled will be unaffected.
• Bit 4 - DSLEEP - Enables Deep Sleep by deactivating all functions. ‘0’ (default) - Sensor input scanning is active
and LEDs are functional.
• ‘1’ - All sensor input scanning is disabled. All LEDs are driven to their programmed non-actuated state and no
PWM operations will be done. The status registers are automatically cleared and the INT bit is cleared.
Bit 0 - INT - Indicates that there is an interrupt. When this bit is set, it asserts the ALERT# pin. If a channel detects a
touch and its associated interrupt enable bit is not set to a logic ‘1’, no action is taken.
This bit is cleared by writing a logic ‘0’ to it. When this bit is cleared, the ALERT# pin will be deasserted and all status
registers will be cleared if the condition has been removed.
• ‘0’ - No interrupt pending.
• ‘1’ - A touch has been detected on one or more channels and the interrupt has been asserted.
6.2
Status Registers
All status bits are cleared when the device enters the Deep Sleep (DSLEEP = ‘1’ - see Section 6.1).
6.2.1
GENERAL STATUS - 02H
Bit 4 - LED - Indicates that one or more LEDs have finished their programmed activity. This bit is set if any bit in the LED
Status register is set.
Bit 2 - MULT - Indicates that the device is blocking detected touches due to the Multiple Touch detection circuitry (see
Section 6.14). This bit will not cause the INT bit to be set and hence will not cause an interrupt.
Bit 1 - MTP - Indicates that the device has detected a number of sensor inputs that exceed the MTP threshold either via
the pattern recognition or via the number of sensor inputs (see Section 6.15). This bit will cause the INT bit to be set if
the MTP_ALERT bit is also set. This bit will not be cleared until the condition that caused it to be set has been removed.
Bit 0 - TOUCH - Indicates that a touch was detected. This bit is set if any bit in the Sensor Input Status register is set.
6.2.2
SENSOR INPUT STATUS - 03H
The Sensor Input Status Register stores status bits that indicate a touch has been detected. A value of ‘0’ in any bit
indicates that no touch has been detected. A value of ‘1’ in any bit indicates that a touch has been detected.
01
2
10
4
11
8
TABLE 6-4:
STATUS REGISTERS
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
02h
R
General Status
-
-
-
LED
-
MULT
MTP
TOUCH
00h
03h
R
Sensor Input Sta-
tus
-
-
-
-
-
CS3
CS2
CS1
00h
04h
R
LED Status
-
-
-
-
-
LED3_
DN
LED2_
DN
LED1_
DN
00h
TABLE 6-3:
GAIN BIT DECODE (CONTINUED)
GAIN[1:0]
Capacitive Touch Sensor Gain
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com