Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 47 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 47 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 43Page - Microchip Technology CAP1133 Datasheet HTML 44Page - Microchip Technology CAP1133 Datasheet HTML 45Page - Microchip Technology CAP1133 Datasheet HTML 46Page - Microchip Technology CAP1133 Datasheet HTML 47Page - Microchip Technology CAP1133 Datasheet HTML 48Page - Microchip Technology CAP1133 Datasheet HTML 49Page - Microchip Technology CAP1133 Datasheet HTML 50Page - Microchip Technology CAP1133 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
 2015 Microchip Technology Inc.
DS00001625B-page 47
CAP1133
6.36
LED Duty Cycle Registers
The LED Duty Cycle registers determine the minimum and maximum duty cycle settings used for the LED for each LED
behavior. These settings affect the brightness of the LED when it is fully off and fully on.
The LED driver duty cycle will ramp up from the minimum duty cycle to the maximum duty cycle and back down again.
APPLICATION NOTE: When operating in Direct behavior mode, changes to the Duty Cycle settings will be applied
immediately. When operating in Breathe, Pulse 1, or Pulse 2 modes, the LED must be
unactuated and then re-actuated before changes to behavior are processed.
Bits 7 - 4 - X_MAX_DUTY[3:0] - Determines the maximum PWM duty cycle for the LED drivers as shown in Table 6-60.
Bits 3 - 0 - X_MIN_DUTY[3:0] - Determines the minimum PWM duty cycle for the LED drivers as shown in Table 6-60.
6.37
LED Direct Ramp Rates Register
TABLE 6-59:
LED DUTY CYCLE REGISTERS
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
90h
R/W
LED Pulse 1 Duty
Cycle
P1_MAX_DUTY[3:0]
P1_MIN_DUTY[3:0]
F0h
91h
R/W
LED Pulse 2 Duty
Cycle
P2_MAX_DUTY[3:0]
P2_MIN_DUTY[3:0]
F0h
92h
R/W
LED Breathe
Duty Cycle
BR_MAX_DUTY[3:0]
BR_MIN_DUTY[3:0]
F0h
93h
R/W
Direct Duty Cycle
DR_MAX_DUTY[3:0]
DR_MIN_DUTY[3:0]
F0h
TABLE 6-60:
LED DUTY CYCLE DECODE
x_MAX/MIN_Duty [3:0]
Maximum Duty Cycle
Minimum Duty Cycle
32
1
0
0
0
0
0
7%
0%
0
0
0
1
9%
7%
00
1
0
11%
9%
0
0
1
1
14%
11%
01
0
0
17%
14%
01
0
1
20%
17%
01
1
0
23%
20%
01
1
1
26%
23%
10
0
0
30%
26%
10
0
1
35%
30%
10
1
0
40%
35%
10
1
1
46%
40%
11
0
0
53%
46%
11
0
1
63%
53%
11
1
0
77%
63%
1
1
1
1
100%
77%
TABLE 6-61:
LED DIRECT RAMP RATES REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
94h
R/W
LED Direct Ramp
Rates
-
-
RISE_RATE[2:0]
FALL_RATE[2:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com