Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 59 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 59 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 55Page - Microchip Technology CAP1133 Datasheet HTML 56Page - Microchip Technology CAP1133 Datasheet HTML 57Page - Microchip Technology CAP1133 Datasheet HTML 58Page - Microchip Technology CAP1133 Datasheet HTML 59Page - Microchip Technology CAP1133 Datasheet HTML 60Page - Microchip Technology CAP1133 Datasheet HTML 61Page - Microchip Technology CAP1133 Datasheet HTML 62Page - Microchip Technology CAP1133 Datasheet HTML 63Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
 2015 Microchip Technology Inc.
DS00001625B-page 59
CAP1133
Rev. 1.2 (02-10-11)
Section A.8, "Delta from Rev
B (Mask B0) to Rev C (Mask
B1)"
Added.
Table 3-2, "Electrical Specifi-
cations"
PSR improvements made in functional revision B.
Changed PSR spec from ±100 typ and ±200 max
counts / V to ±3 and ±10 counts / V. Conditions
updated.
Section 5.3.2, "Recalibrating
Sensor Inputs"
Added more detail with subheadings for each type of
recalibration.
Section 6.6, "Configuration
Registers"
Added bit 5 BLK_PWR_CTRL to the Configuration 2
Register 44h.
The TIMEOUT bit is set to ‘1’ by default for functional
revision B and is set to ‘0’ by default for functional
revision C.
Section 6.42, "Revision Reg-
ister"
Updated revision ID in register FFh from 81h to 82h.
Rev. 1.1 (11-17-10)
Document
Updated for functional revision B. See Section A.7,
"Delta from Rev A (Mask A0) to Rev B (Mask B0)".
Cover
Added to General Description: “includes circuitry and
support for enhanced sensor proximity detection.”
Added the following Features:
Calibrates for Parasitic Capacitance
Analog Filtering for System Noise Sources
Press and Hold feature for Volume-like Applications
Table 3-2, "Electrical Specifi-
cations"
Conditions for Power Supply Rejection modified add-
ing the following:
Sampling time = 2.56ms
Averaging = 1
Negative Delta Counts = Disabled
All other parameters default
Section 6.11, "Calibration Acti-
vate Register"
Updated register description to indicate which re-cal-
ibration routine is used.
Section 6.14, "Multiple Touch
Configuration Register"
Updated register description to indicate what will
happen.
Table 6-34, "CSx_BN_TH Bit
Decode"
Table heading changed from “Threshold Divide Set-
ting” to “Percent Threshold Setting”.
Rev. 1.0 (06-14-10)
Initial release
Revision
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com