Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 40 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 40 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 36Page - Microchip Technology CAP1133 Datasheet HTML 37Page - Microchip Technology CAP1133 Datasheet HTML 38Page - Microchip Technology CAP1133 Datasheet HTML 39Page - Microchip Technology CAP1133 Datasheet HTML 40Page - Microchip Technology CAP1133 Datasheet HTML 41Page - Microchip Technology CAP1133 Datasheet HTML 42Page - Microchip Technology CAP1133 Datasheet HTML 43Page - Microchip Technology CAP1133 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
CAP1133
DS00001625B-page 40
 2015 Microchip Technology Inc.
The LED Polarity Control Register will determine the non actuated state of the LED pins. The actuated LED behavior is
determined by the LED behavior controls (see Section 6.31, "LED Behavior Register").
Table 6-48 shows the interaction between the polarity controls, output controls, and relative brightness.
Bit 2 - LED3_DR - Determines whether LED3 output is driven high or low.
• ‘0’ (default) - The LED3 output is driven at the minimum duty cycle or not actuated.
• ‘1’ - The LED3 output is driven at the maximum duty cycle or is actuated.
Bit 1 - LED2_DR - Determines whether LED2 output is driven high or low.
Bit 0 - LED1_DR - Determines whether LED1 output is driven high or low.
6.29
Linked LED Transition Control Register
The Linked LED Transition Control register controls the LED drive when the LED is linked to a capacitive touch sensor
input. These controls work in conjunction with the INV_LINK_TRAN bit (see Section 6.6.2, "Configuration 2 - 44h") to
create smooth transitions from host control to linked LEDs.
Bit 2 - LED3_LTRAN - Determines the transition effect when LED3 is linked to CS3.
• ‘0’ (default) - When the LED output control bit for LED3 is ‘1’, and then LED3 is linked to CS3 and no touch is
detected, the LED will change states.
• ‘1’ - If the INV_LINK_TRAN bit is ‘1’, when the LED output control bit for CS3 is ‘1’, and then CS3 is linked to LED3
and no touch is detected, the LED will not change states. In addition, the LED state will change when the sensor
pad is touched. If the INV_LINK_TRAN bit is ‘0’, when the LED output control bit for CS3 is ‘1’, and then CS3 is
linked to LED3 and no touch is detected, the LED will not change states. However, the LED state will not change
TABLE 6-48:
LED POLARITY BEHAVIOR
LED Output
Control
Register or
Touch
Polarity
Max Duty
Min Duty
Brightness
LED Appearance
0
inverted (‘0’)
not used
minimum % of time
that the LED is on
(logic 0)
maximum brightness at
min duty cycle
on at min duty
cycle
1
inverted (‘0’)
maximum % of time
that the LED is on
(logic 0)
minimum % of time
that the LED is on
(logic 0)
maximum brightness at
max duty cycle. Bright-
ness ramps from min
duty cycle to max duty
cycle
according to LED
behavior
0
non-inverted
(‘1’)
not used
minimum % of time
that the LED is off
(logic 1)
maximum brightness at
100 minus min duty
cycle.
on at 100 - min
duty cycle
1
non-inverted
(‘1’)
maximum % of time
that the LED is off
(logic 1)
minimum % of time
that the LED is off
(logic 1)
For Direct behavior,
maximum brightness is
100 minus max duty
cycle. When breath-
ing, max brightness is
100 minus min duty
cycle. Brightness
ramps from 100 - min
duty cycle to 100 - max
duty cycle.
according to LED
behavior
TABLE 6-49:
LINKED LED TRANSITION CONTROL REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
77h
R/W
Linked LED Tran-
sition Control
--
-
-
-
LED3_
LTRAN
LED2_
LTRAN
LED1_
LTRAN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com