Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 30 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 30 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 26Page - Microchip Technology CAP1133 Datasheet HTML 27Page - Microchip Technology CAP1133 Datasheet HTML 28Page - Microchip Technology CAP1133 Datasheet HTML 29Page - Microchip Technology CAP1133 Datasheet HTML 30Page - Microchip Technology CAP1133 Datasheet HTML 31Page - Microchip Technology CAP1133 Datasheet HTML 32Page - Microchip Technology CAP1133 Datasheet HTML 33Page - Microchip Technology CAP1133 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
CAP1133
DS00001625B-page 30
 2015 Microchip Technology Inc.
6.11
Calibration Activate Register
The Calibration Activate register forces the respective sensor inputs to be re-calibrated affecting both the analog and
digital blocks. During the re-calibration routine, the sensor inputs will not detect a press for up to 600ms and the Sensor
Input Base Count register values will be invalid. During this time, any press on the corresponding sensor pads will inval-
idate the re-calibration. When finished, the CALX[9:0] bits will be updated (see Section 6.39).
When the corresponding bit is set, the device will perform the calibration and the bit will be automatically cleared once
the re-calibration routine has finished.
Bit 2 - CS3_CAL - When set, the CS3 input is re-calibrated. This bit is automatically cleared once the sensor input has
been re-calibrated successfully.
Bit 1 - CS2_CAL - When set, the CS2 input is re-calibrated. This bit is automatically cleared once the sensor input has
been re-calibrated successfully.
Bit 0 - CS1_CAL - When set, the CS1 input is re-calibrated. This bit is automatically cleared once the sensor input has
been re-calibrated successfully.
6.12
Interrupt Enable Register
The Interrupt Enable register determines whether a sensor pad touch or release (if enabled) causes the interrupt pin to
be asserted.
Bit 2 - CS3_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS3 (associated with the CS3
status bit).
• ‘0’ - The interrupt pin will not be asserted if a touch is detected on CS3 (associated with the CS6 status bit).
• ‘1’ (default) - The interrupt pin will be asserted if a touch is detected on CS3 (associated with the CS6 status bit).
Bit 1 - CS2_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS2 (associated with the CS2
status bit).
Bit 0 - CS1_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS1 (associated with the CS1
status bit).
6.13
Repeat Rate Enable Register
The Repeat Rate Enable register enables the repeat rate of the sensor inputs as described in Section 5.4.1.
Bit 2 - CS3_RPT_EN - Enables the repeat rate for capacitive touch sensor input 3.
• ‘0’ - The repeat rate for CS3 is disabled. It will only generate an interrupt when a touch is detected and when a
release is detected no matter how long the touch is held for.
• ‘1’ (default) - The repeat rate for CS3 is enabled. In the case of a “touch” event, it will generate an interrupt when a
touch is detected and a release is detected (as determined by the INT_REL_n bit - see Section 6.6). In the case of
a “press and hold” event, it will generate an interrupt when a touch is detected and at the repeat rate so long as
TABLE 6-21:
CALIBRATION ACTIVATE REGISTER
ADDR
R/W
Register
B7
B6
B5B4
B3B2B1
B0
Default
26h
R/W
Calibration
Activate
--
-
CS3_
CAL
CS2_
CAL
CS1_
CAL
00h
TABLE 6-22:
INTERRUPT ENABLE REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
27h
R/W
Interrupt
Enable
--
-
CS3_
INT_EN
CS2_
INT_EN
CS1_
INT_EN
07h
TABLE 6-23:
REPEAT RATE ENABLE REGISTER
ADDR
R/W
Register
B7
B6
B5
B4B3B2B1
B0
Default
28h
R/W
Repeat Rate
Enable
--
-
-
-
CS3_
RPT_EN
CS2_
RPT_EN
CS1_
RPT_EN
07h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com