Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 37 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 37 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 33Page - Microchip Technology CAP1133 Datasheet HTML 34Page - Microchip Technology CAP1133 Datasheet HTML 35Page - Microchip Technology CAP1133 Datasheet HTML 36Page - Microchip Technology CAP1133 Datasheet HTML 37Page - Microchip Technology CAP1133 Datasheet HTML 38Page - Microchip Technology CAP1133 Datasheet HTML 39Page - Microchip Technology CAP1133 Datasheet HTML 40Page - Microchip Technology CAP1133 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
 2015 Microchip Technology Inc.
DS00001625B-page 37
CAP1133
Bits 2 - 0 - STBY_SENSE[2:0] - Controls the sensitivity for sensor inputs that are active in Standby. The sensitivity set-
tings act to scale the relative delta count value higher or lower based on the system parameters. A setting of 000b is the
most sensitive while a setting of 111b is the least sensitive. At the more sensitive settings, touches are detected for a
smaller delta C corresponding to a “lighter” touch. These settings are more sensitive to noise however and a noisy envi-
ronment may flag more false touches than higher sensitivity levels.
APPLICATION NOTE: A value of 128x is the most sensitive setting available. At the most sensitivity settings, the
MSB of the Delta Count register represents 64 out of ~25,000 which corresponds to a touch
of approximately 0.25% of the base capacitance (or a
ΔC of 25fF from a 10pF base
capacitance). Conversely a value of 1x is the least sensitive setting available. At these
settings, the MSB of the Delta Count register corresponds to a delta count of 8192 counts
out of ~25,000 which corresponds to a touch of approximately 33% of the base capacitance
(or a
ΔC of 3.33pF from a 10pF base capacitance).
6.23
Standby Threshold Register
The Standby Threshold register stores the delta threshold that is used to determine if a touch has been detected. When
a touch occurs, the input signal of the corresponding sensor pad changes due to the capacitance associated with a
touch. If the sensor input change exceeds the threshold settings, a touch is detected.
6.24
Sensor Input Base Count Registers
The Sensor Input Base Count registers store the calibrated “Not Touched” input value from the capacitive touch sensor
inputs. These registers are periodically updated by the re-calibration routine.
The routine uses an internal adder to add the current count value for each reading to the sum of the previous readings
until sample size has been reached. At this point, the upper 16 bits are taken and used as the Sensor Input Base Count.
The internal adder is then reset and the re-calibration routine continues.
TABLE 6-41:
STBY_SENSE BIT DECODE
STBY_SENSE[2:0]
Sensitivity Multiplier
210
0
0
0
128x (most sensitive)
001
64x
0
1
0
32x (default)
011
16x
100
8x
101
4x
110
2x
1
1
1
1x - (least sensitive)
TABLE 6-42:
STANDBY THRESHOLD REGISTER
ADDR
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default
43h
R/W
Standby Thresh-
old
-64
32
16
8
4
2
1
40h
TABLE 6-43:
SENSOR INPUT BASE COUNT REGISTERS
ADDR
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default
50h
R
Sensor Input 1
Base Count
128
64
32
16
8
4
2
1
C8h
51h
R
Sensor Input 2
Base Count
128
64
32
16
8
4
2
1
C8h
52h
R
Sensor Input 3
Base Count
128
64
32
16
8
4
2
1
C8h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com