Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 49 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 49 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 45Page - Microchip Technology CAP1133 Datasheet HTML 46Page - Microchip Technology CAP1133 Datasheet HTML 47Page - Microchip Technology CAP1133 Datasheet HTML 48Page - Microchip Technology CAP1133 Datasheet HTML 49Page - Microchip Technology CAP1133 Datasheet HTML 50Page - Microchip Technology CAP1133 Datasheet HTML 51Page - Microchip Technology CAP1133 Datasheet HTML 52Page - Microchip Technology CAP1133 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
 2015 Microchip Technology Inc.
DS00001625B-page 49
CAP1133
FIGURE 6-5:
Breathe Behavior with Non-Inverted Polarity
FIGURE 6-6:
Breathe Behavior with Inverted Polarity
TABLE 6-64:
BREATHE OFF DELAY SETTINGS
BR_OFF_DLY [2:0]
OFF Delay
21
0
0
0
0
0 (default)
0
0
1
0.25s
01
0
0.5s
0
1
1
0.75s
LED Actuated
100% - Breathe Max Min Cycle * Brightness
100% - Breathe Min Duty Cycle *
Brightness
LED Unactuated
Breathe Off
Delay
(BR_OFF_DLY)
LED
Brightness
Breathe
Period
(BR_PER)
LED Actuated
Breathe Max Duty Cycle * Brightness
Breathe Min Duty Cycle * Brightness
LED Unactuated
Breathe Off
Delay
(BR_OFF_DLY)
LED
Brightness
Breathe
Period
(BR_PER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com