Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 61 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 61 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 55Page - Microchip Technology CAP1133 Datasheet HTML 56Page - Microchip Technology CAP1133 Datasheet HTML 57Page - Microchip Technology CAP1133 Datasheet HTML 58Page - Microchip Technology CAP1133 Datasheet HTML 59Page - Microchip Technology CAP1133 Datasheet HTML 60Page - Microchip Technology CAP1133 Datasheet HTML 61Page - Microchip Technology CAP1133 Datasheet HTML 62Page - Microchip Technology CAP1133 Datasheet HTML 63Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
 2015 Microchip Technology Inc.
DS00001625B-page 61
CAP1133
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
[X]
-
[X]
-
XXX
-
[X](1)
l
l
l
l
l
Device
Temperature Addressing
Package
Tape and Reel
Range
Option
Option
Example:
Note 1:
Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering
purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability
with the Tape and Reel option.
Device:
CAP1133
Temperature
Range:
Blank
=
0
°C to +85°C
(Extended Commercial)
Package:
AIA = DFN
Tape and
Reel Option:
TR
= Tape and Reel(1)
CAP1133-1-AIA-TR
10-pin DFN 3mm x 3mm (RoHS compliant)
Three capacitive touch sensor inputs, Three
LED drivers, SMBus interface
Reel size is 4,000 pieces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com