Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 35 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 35 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 31Page - Microchip Technology CAP1133 Datasheet HTML 32Page - Microchip Technology CAP1133 Datasheet HTML 33Page - Microchip Technology CAP1133 Datasheet HTML 34Page - Microchip Technology CAP1133 Datasheet HTML 35Page - Microchip Technology CAP1133 Datasheet HTML 36Page - Microchip Technology CAP1133 Datasheet HTML 37Page - Microchip Technology CAP1133 Datasheet HTML 38Page - Microchip Technology CAP1133 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
 2015 Microchip Technology Inc.
DS00001625B-page 35
CAP1133
6.20
Standby Channel Register
The Standby Channel register controls which (if any) capacitive touch sensor inputs are active during Standby.
Bit 2 - CS3_STBY - Controls whether the CS3 channel is active in Standby.
• ‘0’ (default) - The CS3 channel not be sampled during Standby mode.
• ‘1’ - The CS3 channel will be sampled during Standby Mode. It will use the Standby threshold setting, and the
standby averaging and sensitivity settings.
Bit 1 - CS2_STBY - Controls whether the CS2 channel is active in Standby.
Bit 0 - CS1_STBY - Controls whether the CS1 channel is active in Standby.
6.21
Standby Configuration Register
The Standby Configuration register controls averaging and cycle time for those sensor inputs that are active in Standby.
This register is useful for detecting proximity on a small number of sensor inputs as it allows the user to change aver-
aging and sample times on a limited number of sensor inputs and still maintain normal functionality in the fully active
state.
Bit 7 - AVG_SUM - Determines whether the active sensor inputs will average the programmed number of samples or
whether they will accumulate for the programmed number of samples.
• ‘0’ - (default) - The active sensor input delta count values will be based on the average of the programmed number
of samples when compared against the threshold.
• ‘1’ - The active sensor input delta count values will be based on the summation of the programmed number of
samples when compared against the threshold. This bit should only be set when performing proximity detection as
a physical touch will overflow the delta count registers and may result in false readings.
Bits 6 - 4 - STBY_AVG[2:0] - Determines the number of samples that are taken for all active channels during the sensor
cycle as shown in Table 6-37. All samples are taken consecutively on the same channel before the next channel is sam-
pled and the result is averaged over the number of samples measured before updating the measured results.
TABLE 6-34:
CSX_BN_TH BIT DECODE
CS_BN_TH[1:0]
Percent Threshold Setting
10
00
25%
0
1
37.5% (default)
10
50%
11
62.5%
TABLE 6-35:
STANDBY CHANNEL REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
40h
R/W
Standby Channel
-
-
-
-
-
CS3_
STBY
CS2_
STBY
CS1_
STBY
00h
TABLE 6-36:
STANDBY CONFIGURATION REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
41h
R/W
Standby Config-
uration
AVG_
SUM
STBY_AVG[2:0]
STBY_SAMP_
TIME[1:0]
STBY_CY_TIME
[1:0]
39h
TABLE 6-37:
STBY_AVG BIT DECODE
STBY_AVG[2:0]
Number of Samples Taken per
Measurement
21
0
00
0
1
00
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com