Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 41 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 41 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 37Page - Microchip Technology CAP1133 Datasheet HTML 38Page - Microchip Technology CAP1133 Datasheet HTML 39Page - Microchip Technology CAP1133 Datasheet HTML 40Page - Microchip Technology CAP1133 Datasheet HTML 41Page - Microchip Technology CAP1133 Datasheet HTML 42Page - Microchip Technology CAP1133 Datasheet HTML 43Page - Microchip Technology CAP1133 Datasheet HTML 44Page - Microchip Technology CAP1133 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
 2015 Microchip Technology Inc.
DS00001625B-page 41
CAP1133
when the sensor pad is touched.
APPLICATION NOTE: If the LED behavior is not “Direct” and the INV_LINK_TRAN bit it ‘0’, the LED will not perform
as expected when the LED3_LTRAN bit is set to ‘1’. Therefore, if breathe and pulse
behaviors are used, set the INV_LINK_TRAN bit to ‘1’.
Bit 1 - LED2_LTRAN - Determines the transition effect when LED2 is linked to CS2.
Bit 0 - LED1_LTRAN - Determines the transition effect when LED1 is linked to CS1.
6.30
LED Mirror Control Register
The LED Mirror Control Registers determine the meaning of duty cycle settings when polarity is non-inverted for each
LED channel. When the polarity bit is set to ‘1’ (non-inverted), to obtain correct steps for LED ramping, pulse, and
breathe behaviors, the min and max duty cycles need to be relative to 100%, rather than the default, which is relative
to 0%.
APPLICATION NOTE: The LED drive assumes that the LEDs are configured such that if the LED pin is driven to
a logic ‘0’, the LED will be on and the CAP1133 LED pin is sinking the LED current. When
the polarity bit is set to ‘1’, it is considered non-inverted. For systems using the opposite LED
configuration, mirror controls would apply when the polarity bit is ‘0’.
These bits are changed automatically if the corresponding LED Polarity bit is changed (unless the BLK_POL_MIR bit is
set - see Section 6.6).
Bit 2 - LED3_MIR_EN - Determines whether the duty cycle settings are “biased” relative to 0% or 100% duty cycle.
• ‘0’ (default) - The duty cycle settings are determined relative to 0% and are determined directly with the settings.
• ‘1’ - The duty cycle settings are determined relative to 100%.
Bit 1 - LED2_MIR_EN - Determines whether the duty cycle settings are “biased” relative to 0% or 100% duty cycle.
Bit 0 - LED1_MIR_EN - Determines whether the duty cycle settings are “biased” relative to 0% or 100% duty cycle.
6.31
LED Behavior Register
The LED Behavior register controls the operation of LEDs. Each LED pin is controlled by a 2-bit field and the behavior
is determined by whether the LED is linked to a capacitive touch sensor input or not.
If the corresponding LED output is linked to a capacitive touch sensor input, the appropriate behavior will be enabled /
disabled based on touches and releases.
If the LED output is not associated with a capacitive touch sensor input, the appropriate behavior will be enabled / dis-
abled by the LED Output Control register. If the respective LEDx_DR bit is set to a logic ‘1’, this will be associated as a
“touch”, and if the LEDx_DR bit is set to a logic ‘0’, this will be associated as a “release”.
Table 6-52, "LEDx_CTL Bit Decode" shows the behavior triggers. The defined behavior will activate when the Start Trig-
ger is met and will stop when the Stop Trigger is met. Note the behavior of the Breathe Hold and Pulse Release option.
The LED Polarity Control register will determine the non actuated state of the LED outputs (see Section 6.27, "LED
Polarity Register").
APPLICATION NOTE: If an LED is not linked to a capacitive touch sensor input and is breathing (via the Breathe
or Pulse behaviors), it must be unactuated and then re-actuated before changes to behavior
TABLE 6-50:
LED MIRROR CONTROL REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
79h
R/W
LED Mirror Con-
trol
--
-
-
-
LED3_
MIR_
EN
LED2_
MIR _
EN
LED1_
MIR _
EN
00h
TABLE 6-51:
LED BEHAVIOR REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
81h
R/W
LED Behavior 1
-
-
LED3_CTL[1:0]
LED2_CTL[1:0]
LED1_CTL[1:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com