Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 34 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 34 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 30Page - Microchip Technology CAP1133 Datasheet HTML 31Page - Microchip Technology CAP1133 Datasheet HTML 32Page - Microchip Technology CAP1133 Datasheet HTML 33Page - Microchip Technology CAP1133 Datasheet HTML 34Page - Microchip Technology CAP1133 Datasheet HTML 35Page - Microchip Technology CAP1133 Datasheet HTML 36Page - Microchip Technology CAP1133 Datasheet HTML 37Page - Microchip Technology CAP1133 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
CAP1133
DS00001625B-page 34
 2015 Microchip Technology Inc.
Note 6-1
Recalibration Samples refers to the number of samples that are measured and averaged before the
Base Count is updated however does not control the base count update period.
Note 6-2
Update Time refers to the amount of time (in polling cycle periods) that elapses before the Base
Count is updated. The time will depend upon the number of channels active, the averaging setting,
and the programmed cycle time.
6.18
Sensor Input Threshold Registers
The Sensor Input Threshold registers store the delta threshold that is used to determine if a touch has been detected.
When a touch occurs, the input signal of the corresponding sensor pad changes due to the capacitance associated with
a touch. If the sensor input change exceeds the threshold settings, a touch is detected.
When the BUT_LD_TH bit is set (see Section 6.17 - bit 7), writing data to the Sensor Input 1 Threshold register will
update all of the sensor input threshold registers (31h - 32h inclusive).
6.19
Sensor Input Noise Threshold Register
The Sensor Input Noise Threshold register controls the value of a secondary internal threshold to detect noise and
improve the automatic recalibration routine. If a capacitive touch sensor input exceeds the Sensor Input Noise Threshold
but does not exceed the sensor input threshold, it is determined to be caused by a noise spike. That sample is not used
by the automatic re-calibration routine. This feature can be disabled by setting the DIS_DIG_NOISE bit.
Bits 1-0 - CS1_BN_TH[1:0] - Controls the noise threshold for all capacitive touch sensor inputs, as shown in Table 6-34.
The threshold is proportional to the threshold setting.
0
1
0
64
64 (default)
0
1
1
128
128
10
0
256
256
1
0
1
256
1024
1
1
0
256
2048
1
1
1
256
4096
TABLE 6-32:
SENSOR INPUT THRESHOLD REGISTERS
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
30h
R/W
Sensor Input 1
Threshold
-64
32
16
8
4
2
1
40h
31h
R/W
Sensor Input 2
Threshold
-64
32
16
8
4
2
1
40h
32h
R/W
Sensor Input 3
Threshold
-64
32
16
8
4
2
1
40h
TABLE 6-33:
SENSOR INPUT NOISE THRESHOLD REGISTER
ADDR
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default
38h
R/W
Sensor Input
Noise Threshold
CS_BN_TH [1:0]
01h
TABLE 6-31:
CAL_CFG BIT DECODE (CONTINUED)
CAL_CFG[2:0]
Recalibration Samples
(see Note 6-1)
Update Time (see
Note 6-2)
21
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com