Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 36 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 36 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 32Page - Microchip Technology CAP1133 Datasheet HTML 33Page - Microchip Technology CAP1133 Datasheet HTML 34Page - Microchip Technology CAP1133 Datasheet HTML 35Page - Microchip Technology CAP1133 Datasheet HTML 36Page - Microchip Technology CAP1133 Datasheet HTML 37Page - Microchip Technology CAP1133 Datasheet HTML 38Page - Microchip Technology CAP1133 Datasheet HTML 39Page - Microchip Technology CAP1133 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
CAP1133
DS00001625B-page 36
 2015 Microchip Technology Inc.
Bit 3-2 - STBY SAMP_TIME[1:0] - Determines the time to take a single sample when the device is in Standby as shown
in Table 6-38.
Bits 1 - 0 - STBY_CY_TIME[2:0] - Determines the overall cycle time for all measured channels during standby operation
as shown in Table 6-39. All measured channels are sampled at the beginning of the cycle time. If additional time is
remaining, the device is placed into a lower power state for the remaining duration of the cycle.
APPLICATION NOTE: The programmed cycle time is only maintained if the total averaging time for all samples is
less than the programmed cycle. The STBY_AVG[2:0] bits will take priority so that if more
samples are required than would normally be allowed during the cycle time, the cycle time
will be extended as necessary to accommodate the number of samples to be measured.
6.22
Standby Sensitivity Register
The Standby Sensitivity register controls the sensitivity for sensor inputs that are active in Standby.
01
0
4
0
1
1
8 (default)
10
0
16
10
1
32
11
0
64
1
1
1
128
TABLE 6-38:
STBY_SAMP_TIME BIT DECODE
STBY_SAMP_TIME[1:0]
Sampling Time
10
0
0
320us
0
1
640us
1
0
1.28ms (default)
1
1
2.56ms
TABLE 6-39:
STBY_CY_TIME BIT DECODE
STBY_CY_TIME[1:0]
Overall Cycle Time
10
00
35ms
0
1
70ms (default)
1
0
105ms
1
1
140ms
TABLE 6-40:
STANDBY SENSITIVITY REGISTER
ADDR
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default
42h
R/W
Standby Sensitiv-
ity
-
-
-
-
-
STBY_SENSE[2:0]
02h
TABLE 6-37:
STBY_AVG BIT DECODE (CONTINUED)
STBY_AVG[2:0]
Number of Samples Taken per
Measurement
21
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com