Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 21 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 17Page - Microchip Technology USB4624 Datasheet HTML 18Page - Microchip Technology USB4624 Datasheet HTML 19Page - Microchip Technology USB4624 Datasheet HTML 20Page - Microchip Technology USB4624 Datasheet HTML 21Page - Microchip Technology USB4624 Datasheet HTML 22Page - Microchip Technology USB4624 Datasheet HTML 23Page - Microchip Technology USB4624 Datasheet HTML 24Page - Microchip Technology USB4624 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001717A-page 21
Chapter 4 Power Connections
4.1
Integrated Power Regulators
The integrated 3.3V and 1.2V power regulators provide flexibility to the system in providing power the
device. Several different configurations are allowed in order to align the power structure to supplies
available in the system.
The regulators are controlled by RESET_N. When RESET_N is brought high, the 3.3V regulator will
turn on. When RESET_N is brought low the 3.3V regulator will turn off.
4.1.1
3.3V Regulator
The device has an integrated regulator to convert from VBAT to 3.3V.
4.1.2
1.2V Regulator
The device has an integrated regulator to convert from a variable voltage input on VDDCOREREG to
1.2V. The 1.2V regulator is tolerant to the presence of low voltage (~0V) on the VDDCOREREG pin
in order to support system power solutions where a supply is not always present in low power states.
The 1.2V regulator supports an input voltage range consistent with a 1.8V input in order to reduce
power consumption in systems which provide multiple power supply levels. In addition, the 1.2V
regulator supports an input voltage up to 3.3V for systems which provide only a single power supply.
The device will support operation where the 3.3V regulator output can drive the 1.2V regulator input
such that VBAT is the only required supply.
4.2
Power Configurations
The device supports operation with no back current when power is connected in each of the following
configurations. Power connection diagrams for these configurations are included in Section 4.3, "Power
Connection Diagrams," on page 23.
4.2.1
Single Supply Configurations
4.2.1.1
VBAT Only
VBAT must be tied to the VBAT system supply. VDD33, VDDA33, and VDDCOREREG must be tied
together on the board. In this configuration the 3.3V and 1.2V regulators will be active. For HSIC
operation, VDD12 must be tied to VDDCR12.
4.2.1.2
3.3V Only
VBAT must be tied to the 3.3V system supply. VDD33, VDDA33, and VDDCOREREG must be tied
together on the board. In this configuration the 3.3V regulator will operate in dropout mode and the
1.2V regulator will be active. For HSIC operation, VDD12 must be tied to VDDCR12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com