Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 9Page - Microchip Technology USB4624 Datasheet HTML 10Page - Microchip Technology USB4624 Datasheet HTML 11Page - Microchip Technology USB4624 Datasheet HTML 12Page - Microchip Technology USB4624 Datasheet HTML 13Page - Microchip Technology USB4624 Datasheet HTML 14Page - Microchip Technology USB4624 Datasheet HTML 15Page - Microchip Technology USB4624 Datasheet HTML 16Page - Microchip Technology USB4624 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001717A-page 13
1
Upstream
HSIC Data
(Flex Port 0)
FLEX_HSIC_UP_
DATA
HSIC
Upstream HSIC Port 0 DATA signal.
See Note 3.2.
Note:
The upstream Port 0 signals can be
optionally swapped with the
downstream Port 1 signals.
1
Upstream
HSIC Strobe
(Flex Port 0)
FLEX_HSIC_UP_
STROBE
HSIC
Upstream HSIC Port 0 STROBE signal.
See Note 3.2.
Note:
The upstream Port 0 signals can be
optionally swapped with the
downstream Port 1 signals.
1
Downstream
HSIC Data
(Swap Port 1)
SWAP_HSIC_DN_
DATA1
HSIC
Downstream HSIC Port 1 DATA signal.
Note:
The downstream Port 1 signals can be
optionally swapped with the upstream
Port 0 signals.
1
Downstream
HSIC Strobe
(Swap Port 1)
SWAP_HSIC_DN_
STROBE1
HSIC
Downstream HSIC Port 1 STROBE signal.
Note:
The downstream Port 1 signals can be
optionally swapped with the upstream
Port 0 signals.
1
Downstream
HSIC Data
(Port 2)
HSIC_DN_DATA2
HSIC
Downstream HSIC Port 2 DATA signal.
1
Downstream
HSIC Strobe
(Port 2)
HSIC_DN_STROBE2
HSIC
Downstream HSIC Port 2 STROBE signal.
1
Downstream
USB D+
(Port 3)
USBDN3_DP
AIO
Downstream USB Port 3 D+ data signal.
Port 3 D+
Disable
Configuration
Strap
PRT_DIS_P3
IS
This strap is used in conjunction with
PRT_DIS_M3 to disable USB Port 3.
0 = Port 3 D+ Enabled
1 = Port 3 D+ Disabled
Note:
Both PRT_DIS_P3 and PRT_DIS_M3
must be tied to VDD33 at reset to
disable the associated port.
See Note 3.3 for more information on
configuration straps.
Table 3.1 Pin Descriptions (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com