Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 30 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 26Page - Microchip Technology USB4624 Datasheet HTML 27Page - Microchip Technology USB4624 Datasheet HTML 28Page - Microchip Technology USB4624 Datasheet HTML 29Page - Microchip Technology USB4624 Datasheet HTML 30Page - Microchip Technology USB4624 Datasheet HTML 31Page - Microchip Technology USB4624 Datasheet HTML 32Page - Microchip Technology USB4624 Datasheet HTML 33Page - Microchip Technology USB4624 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001717A-page 30
 2014 Microchip Technology Inc.
6.2.2
SMBus Accessible Functions
6.2.2.1
OTP Access over SMBus
The device’s OTP ROM is accessible over SMBus. All OTP parameters can modified via the SMbus
Host. The OTP can be programmed to operate in Single-Ended, Differential, Redundant, or Differential
Redundant mode, depending on the level of reliability required. The supported commands are:
Enable OTP reset
Set OTP operating mode
Set OTP read mode
Program OTP
Get OTP Status
Program OTP control parameters
6.2.2.2
Configuration Access over SMBus
The following functions are available over SMBus prior to the hub attaching to the USB host:
Program Configuration parameters.
Program descriptor fields:
—Language ID
—Manufacturer string
—Product string
—idVendor
—idProduct
—bcdDevice
Program Control Register
6.3
Device Configuration Straps
Configuration straps are multi-function pins that are driven as outputs during normal operation. During
a Power-On Reset (POR) or an External Chip Reset (RESET_N), these outputs are tri-stated. The high
or low state of the signal is latched following de-assertion of the reset and is used to determine the
default configuration of a particular feature. Configuration straps are latched as a result of a Power-On
Reset (POR) or a External Chip Reset (RESET_N). Configuration strap signals are noted in Chapter 3,
"Pin Descriptions," on page 11 and are identified by an underlined symbol name. The following sub-
sections detail the various configuration straps.
Configuration straps include internal resistors in order to prevent the signal from floating when
unconnected. If a particular configuration strap is connected to a load, an external pull-up or pull-down
should be used to augment the internal resistor to ensure that it reaches the required voltage level
prior to latching. The internal resistor can also be overridden by the addition of an external resistor.
Note: The system designer must guarantee that configuration straps meet the timing requirements
specified in Section 9.5.2, "Reset and Configuration Strap Timing," on page 51 and Section
9.5.1, "Power-On Configuration Strap Valid Timing," on page 50. If configuration straps are not
at the correct voltage level prior to being latched, the device may capture incorrect strap
values.
Note: Configuration straps must never be driven as inputs. If required, configuration straps can be
augmented, or overridden with external resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com