Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 1 Page - Microchip Technology

  USB4624 Datasheet HTML 1Page - Microchip Technology USB4624 Datasheet HTML 2Page - Microchip Technology USB4624 Datasheet HTML 3Page - Microchip Technology USB4624 Datasheet HTML 4Page - Microchip Technology USB4624 Datasheet HTML 5Page - Microchip Technology USB4624 Datasheet HTML 6Page - Microchip Technology USB4624 Datasheet HTML 7Page - Microchip Technology USB4624 Datasheet HTML 8Page - Microchip Technology USB4624 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
 2014 Microchip Technology Inc.
DS00001717A-page 1
Datasheet
PRODUCT FEATURES
USB4624
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Highlights
Hub Controller IC with 4 downstream ports
High-Speed Inter-Chip (HSIC) support
—
Upstream port selectable between HSIC or USB 2.0
—
2 downstream HSIC ports
USB-IF Battery Charger revision 1.2 support on up &
downstream ports (DCP, CDP, SDP)
Battery charging support for Apple® devices
FlexConnect: Downstream port 1 able to swap with
upstream port, allowing master capable devices to
control other devices on the hub
USB to I2CTM/SPI bridge endpoint support
USB Link Power Management (LPM) support
SUSPEND pin for remote wakeup indication to host
Start Of Frame (SOF) synchronized clock output pin
Vendor Specific Messaging (VSM) support
Enhanced OEM configuration options available
through OTP or SMBus Slave Port
Flexible power rail support
—
VBUS or VBAT only operation
—
3.3V only operation
—
VBAT + 1.8V operation
—
3.3V + 1.8V operation
48-pin (7x7mm) SQFN, RoHS compliant package
Target Applications
LCD monitors and TVs
Multi-function USB peripherals
PC mother boards
Set-top boxes, DVD players, DVR/PVR
Printers and scanners
PC media drive bay
Portable hub boxes
Mobile PC docking
Embedded systems
Additional Features
MultiTRAKTM
—
Dedicated Transaction Translator per port
PortMap
—
Configurable port mapping and disable sequencing
PortSwap
—
Configurable differential intra-pair signal swapping
PHYBoostTM
—
Programmable USB transceiver drive strength for
recovering signal integrity
VariSenseTM
—
Programmable USB receiver sensitivity
Low power operation
Full Power Management with individual or ganged
power control of each downstream port
Built-in Self-Powered or Bus-Powered internal default
settings provide flexibility in the quantity of USB
expansion ports utilized without redesign
Supports “Quad Page” configuration OTP flash
—
Four consecutive 200 byte configuration pages
Fully integrated USB termination and Pull-up/Pull-
down resistors
On-chip Power On Reset (POR)
Internal 3.3V and 1.2V voltage regulators
On Board 24MHz Crystal Driver, Resonator, or
External 24MHz clock input
USB host/device speed indicator. Per-port 3-color
LED drivers indicate the speed of USB host and
device connection - hi-speed (480 Mbps), full-speed
(12 Mbps), low-speed (1.5 Mbps)
Environmental
—
Commercial temperature range support (0ºC to 70ºC)
—
Industrial temperature range support (-40ºC to 85ºC)


Similar Part No. - USB4624

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB4624 SMSC-USB4624 Datasheet
1,014Kb / 68P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
USB4624-1080HN SMSC-USB4624-1080HN Datasheet
1,014Kb / 68P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
USB4624-1080HN-TR SMSC-USB4624-1080HN-TR Datasheet
1,014Kb / 68P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
USB4624I-1080HN SMSC-USB4624I-1080HN Datasheet
1,014Kb / 68P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
USB4624I-1080HN-TR SMSC-USB4624I-1080HN-TR Datasheet
1,014Kb / 68P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
More results

Similar Description - USB4624

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
USB4604 SMSC-USB4604 Datasheet
1Mb / 71P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
USB4624 SMSC-USB4624 Datasheet
1,014Kb / 68P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
logo
Tripp Lite. All Rights ...
U225004R TRIPPLITE-U225004R Datasheet
512Kb / 2P
4-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB3503 MICROCHIP-USB3503 Datasheet
1Mb / 73P
USB 2.0 HSIC High-Speed Hub Controller Optimized
01/27/15
USB4604 MICROCHIP-USB4604 Datasheet
640Kb / 62P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
USB84604 MICROCHIP-USB84604 Datasheet
730Kb / 61P
USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com