Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 12Page - Microchip Technology USB4624 Datasheet HTML 13Page - Microchip Technology USB4624 Datasheet HTML 14Page - Microchip Technology USB4624 Datasheet HTML 15Page - Microchip Technology USB4624 Datasheet HTML 16Page - Microchip Technology USB4624 Datasheet HTML 17Page - Microchip Technology USB4624 Datasheet HTML 18Page - Microchip Technology USB4624 Datasheet HTML 19Page - Microchip Technology USB4624 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001717A-page 16
 2014 Microchip Technology Inc.
1
System Reset
Input
RESET_N
I_RST
This active-low signal allows external hardware to
reset the device.
Note:
The active-low pulse must be at least
5us wide. Refer to Section 8.4.2,
"External Chip Reset (RESET_N)," on
page 42 for additional information.
1
Crystal Input
XTAL1
ICLK
External 24 MHz crystal input
Reference
Clock Input
REFCLK
ICLK
Reference clock input. The device may be
alternatively driven by a single-ended clock
oscillator. When this method is used, XTAL2
should be left unconnected.
1
Crystal
Output
XTAL2
OCLK
External 24 MHz crystal output
1
External USB
Transceiver
Bias Resistor
RBIAS
AI
A 12.0k
Ω (+/- 1%) resistor is attached from
ground to this pin to set the transceiver’s internal
bias settings.
1
Suspend
Output
SUSPEND
PU
This signal is used to indicate that the entire hub
has entered the USB suspend state and that
VBUS current consumption should be reduced in
accordance with the USB specification. Refer to
Section 8.6, "Suspend (SUSPEND)," on page 43
for additional information.
Note:
SUSPEND must be enabled via the
Protouch configuration tool.
1
SOF
Synchronized
8KHz Clock
Output
SOF
O8
This signal outputs an 8KHz clock synchronized
with the USB Host SOF.
Note:
SOF output is controlled via the
SOF_ENABLE bit in the
UTIL_CONFIG1 register
1
Detect
Upstream
VBUS Power
VBUS_DET
IS
Detects state of upstream bus power.
When designing a detachable hub, this pin must
be connected to the VBUS power pin of the
upstream USB port through a resistor divider
(50k
Ω by 100kΩ) to provide 3.3V.
For self-powered applications with a permanently
attached host, this pin must be connected to
either 3.3V or 5.0V through a resistor divider to
provide 3.3V.
In embedded applications, VBUS_DET may be
controlled (toggled) when the host desires to
renegotiate a connection without requiring a full
reset of the device.
Table 3.1 Pin Descriptions (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com