Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 31 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 27Page - Microchip Technology USB4624 Datasheet HTML 28Page - Microchip Technology USB4624 Datasheet HTML 29Page - Microchip Technology USB4624 Datasheet HTML 30Page - Microchip Technology USB4624 Datasheet HTML 31Page - Microchip Technology USB4624 Datasheet HTML 32Page - Microchip Technology USB4624 Datasheet HTML 33Page - Microchip Technology USB4624 Datasheet HTML 34Page - Microchip Technology USB4624 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001717A-page 31
6.3.1
Port Disable (PRT_DIS_Mx/PRT_DIS_Px)
These configuration straps disable the associated USB ports D- and D+ signals, respectively, where
“x” is the USB port number. Both the negative “M” and positive “P” port disable configuration straps for
a given USB port must be tied high at reset to disable the associated port.
6.3.2
SPI Speed Select (SPI_SPD_SEL)
This strap is used to select the speed of the SPI as follows:
Note: If the latched value on reset is 1, this pin is tri-stated when the chip is in the suspend state. If
the latched value on reset is 0, this pin is driven low during a suspend state.
Table 6.1 PRT_DIS_Mx/PRT_DIS_Px Configuration Definitions
PRT_DIS_MX/PRT_DIS_PX
DEFINITION
‘0’
Port x D-/D+ Signal is Enabled (Default)
‘1’
Port x D-/D+ Signal is Disabled
Table 6.2 SPI_SPD_SEL Configuration Definitions
SPI_SPD_SEL
DEFINITION
‘0’
30 MHz SPI Operation (Default)
‘1’
60 MHz SPI Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com