Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 11Page - Microchip Technology USB4624 Datasheet HTML 12Page - Microchip Technology USB4624 Datasheet HTML 13Page - Microchip Technology USB4624 Datasheet HTML 14Page - Microchip Technology USB4624 Datasheet HTML 15Page - Microchip Technology USB4624 Datasheet HTML 16Page - Microchip Technology USB4624 Datasheet HTML 17Page - Microchip Technology USB4624 Datasheet HTML 18Page - Microchip Technology USB4624 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001717A-page 15
1
I2C Serial
Data
SDA
IS/OD8
I2C bidirectional serial data
SMBus Serial
Data
SMBDATA
IS/OD8
SMBus bidirectional serial data
SPI MASTER INTERFACE
1
SPI Chip
Enable
Output
SPI_CE_N
O12
Active-low SPI chip enable output.
Note:
If the SPI is enabled, this pin will be
driven high in powerdown states.
1
SPI Clock
Output
SPI_CLK
O12
SPI clock output
1
SPI Data
Output
SPI_DO
O12
SPI data output
SPI Speed
Select
Configuration
Strap
SPI_SPD_SEL
IS
(PD)
This strap is used to select the speed of the SPI.
0 = 30MHz (default)
1 = 60MHz
Note:
If the latched value on reset is 1, this pin
is tri-stated when the chip is in the
suspend state. If the latched value on
reset is 0, this pin is driven low during a
suspend state.
See Note 3.3 for more information on
configuration straps.
1
SPI Data
Input
SPI_DI
IS
(PD)
SPI data input
MISC.
1
UART
Receive Input
UART_RX
IS
Internal UART receive input
Note:
This is a 3.3V signal. For RS232
operation, an external 12V translator is
required.
Port 3 Over-
Current
Sense Input
OCS3_N
IS
(PU)
This active-low signal is input from an external
current monitor to indicate an over-current
condition on USB Port 3.
1
UART
Transmit
Output
UART_TX
O8
Internal UART transmit output
Note:
This is a 3.3V signal. For RS232
operation, an external 12V driver is
required.
Port 4 Over-
Current
Sense Input
OCS4_N
IS
(PU)
This active-low signal is input from an external
current monitor to indicate an over-current
condition on USB Port 4.
Table 3.1 Pin Descriptions (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com