Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 8 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 4Page - Microchip Technology USB4624 Datasheet HTML 5Page - Microchip Technology USB4624 Datasheet HTML 6Page - Microchip Technology USB4624 Datasheet HTML 7Page - Microchip Technology USB4624 Datasheet HTML 8Page - Microchip Technology USB4624 Datasheet HTML 9Page - Microchip Technology USB4624 Datasheet HTML 10Page - Microchip Technology USB4624 Datasheet HTML 11Page - Microchip Technology USB4624 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001717A-page 8
 2014 Microchip Technology Inc.
The USB4624 is available in commercial (0°C to +70°C) and industrial (-40°C to +85°C) temperature
range versions.
As shown in the ordering code matrix, two USB4624 firmware revisions are available: “-1080” and “-
1070”. The -1080 version enables the internal Hub Controller, while the -1070 version disables it. There
are no additional differences between these two versions.
The Hub Controller adds advanced functionality to the USB4624 by enabling the host to send
commands directly to it via the upstream USB connection. Commands to the Hub Controller must be
sent to the virtual 5th port in the hub. The following functions can be controlled via commands through
the Hub Controller:
USB to SMBus Bridging: The host can send commands through USB to any device connected to
the hub through the SMBus.
USB to UART Bridging: The host can send commands through SUB to any device connected to
the hub through the UART.
GPIO Control: The GPIOs on the hub can be dynamically configured and controlled by the host.
OTP Programming: Permanent customer configurations can be loaded to the One Time
Programmable memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com