Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 35 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 35 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 31Page - Microchip Technology USB4624 Datasheet HTML 32Page - Microchip Technology USB4624 Datasheet HTML 33Page - Microchip Technology USB4624 Datasheet HTML 34Page - Microchip Technology USB4624 Datasheet HTML 35Page - Microchip Technology USB4624 Datasheet HTML 36Page - Microchip Technology USB4624 Datasheet HTML 37Page - Microchip Technology USB4624 Datasheet HTML 38Page - Microchip Technology USB4624 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001717A-page 35
7.1.6
Byte Program Example
To perform a Byte Program, the device writes 0x02 to the first byte of the command buffer, followed
by a 3-byte address of the location that will be written to, and one data byte. The length of the transfer
is set to 5 bytes. The device first drives SPI_CE_N low, then SPI_DO outputs 8 bits of command,
followed by 24 bits of address, and one byte of data. SPI_DI is not used in this example.
Figure 7.4 SPI Byte Program Sequence
SPI_CE_N
SPI_CLK
16
23 24
31
15
39
12 3 4
05
7
6
0x00
SPI_DO
SPI_DI
8
0xDB
MSB
MSB
0xFE
/0xFF
Data
MSB
LSB
32
HIGH IMPEDANCE
0xBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com