Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 32 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 28Page - Microchip Technology USB4624 Datasheet HTML 29Page - Microchip Technology USB4624 Datasheet HTML 30Page - Microchip Technology USB4624 Datasheet HTML 31Page - Microchip Technology USB4624 Datasheet HTML 32Page - Microchip Technology USB4624 Datasheet HTML 33Page - Microchip Technology USB4624 Datasheet HTML 34Page - Microchip Technology USB4624 Datasheet HTML 35Page - Microchip Technology USB4624 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001717A-page 32
 2014 Microchip Technology Inc.
Chapter 7 Device Interfaces
The USB4624 provides multiple interfaces for configuration and external memory access. This chapter
details the various device interfaces and their usage.
Note: For information on device configuration, refer to Chapter 6, "Device Configuration," on page 28.
7.1
SPI Interface
The device is capable of code execution from an external SPI ROM. On power up, the firmware looks
for an external SPI flash device that contains a valid signature of 2DFU (device firmware upgrade)
beginning at address 0xFFFA. If a valid signature is found, then the external ROM is enabled and the
code execution begins at address 0x0000 in the external SPI device. If a valid signature is not found,
then execution continues from internal ROM. The following sections describe the interface options to
the external SPI ROM.
The SPI interface is always enabled after reset. It can be disabled by setting the SPI_DISABLE bit in
the UTIL_CONFIG1 register.
Note: For SPI timing information, refer to Section 9.5.7, "SPI Timing," on page 52.
7.1.1
Operation of the Hi-Speed Read Sequence
The SPI controller will automatically handle code reads going out to the SPI ROM address. When the
controller detects a read, the controller drives SPI_CE_N low, and outputs 0x0B, followed by the 24-
bit address. The SPI controller outputs a DUMMY byte. The next eight clocks will clock-in the first byte.
When the first byte is clocked-in, a ready signal is sent back to the processor, and the processor gets
one byte.
After the processor gets the first byte, its address will change. If the address is one more than the last
address, the SPI controller will clock out one more byte. If the address is anything other than one more
than the last address, the SPI controller will terminate the transaction by driving SPI_CE_N high. As
long as the addresses are sequential, the SPI Controller will continue clocking data in.
Figure 7.1 SPI Hi-Speed Read Sequence
SPI_CE_N
SPI_CLK
SPI_DO
SPI_DI
8
0B
MSB
HIGH IMPEDANCE
15 16
12 3 4
05
7
6
DOUT
ADD.
23 24
ADD.
ADD.
X
39 40
31 32
47 48
55 56
63 64
71 72
80
DOUT
NN+1
DOUT
N+2
DOUT
N+3
DOUT
N+4
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com