Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 37 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 37 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 33Page - Microchip Technology USB4624 Datasheet HTML 34Page - Microchip Technology USB4624 Datasheet HTML 35Page - Microchip Technology USB4624 Datasheet HTML 36Page - Microchip Technology USB4624 Datasheet HTML 37Page - Microchip Technology USB4624 Datasheet HTML 38Page - Microchip Technology USB4624 Datasheet HTML 39Page - Microchip Technology USB4624 Datasheet HTML 40Page - Microchip Technology USB4624 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001717A-page 37
7.1.8
JEDEC-ID Read Example
To perform a JEDEC-ID command, the device writes 0x9F into the first byte of the SPI_CMD_BUF.
The length of the transfer is 4 bytes. The device first drives SPI_CE_N low, then SPI_DO is output
with 8 bits of the command, followed by the 24 bits of dummy bytes (due to the length being set to 4).
When the transfer is complete, SPI_CE_N goes high. After the first byte, the data on SPI_DI is clocked
into the SPI_RSP_BUF. At the end of the command, there are three valid bytes in the SPI_RSP_BUF.
In this example, 0xBF, 0x25, 0x8E.
7.2
SMBus Slave Interface
The USB4624 includes an integrated SMBus slave interface, which can be used to access internal
device run time registers or program the internal OTP memory. SMBus detection is accomplished by
detection of pull-up resistors (10 K
Ω recommended) on both the SMBDATA and SMBCLK signals. To
disable the SMBus, a pull-down resistor of 10 K
Ω must be applied to SMBDATA. The SMBus interface
can be used to configure the device as detailed in Section 6.1, "Configuration Method Selection," on
page 28.
Note: All device configuration must be performed via the Pro-Touch Programming Tool. For additional
information on the Pro-Touch programming tool, contact your local Microchip sales
representative.
Figure 7.6 SPI JEDEC-ID Read Sequence
SPI_CE_N
SPI_CLK
SPI_DO
SPI_DI
8
9F
MSB
HIGH IMPEDANCE
11 12 13 14 15 16
12 3 4
05
7
6
10
9
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34
BF
25
8E
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com