Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 8Page - Microchip Technology USB4624 Datasheet HTML 9Page - Microchip Technology USB4624 Datasheet HTML 10Page - Microchip Technology USB4624 Datasheet HTML 11Page - Microchip Technology USB4624 Datasheet HTML 12Page - Microchip Technology USB4624 Datasheet HTML 13Page - Microchip Technology USB4624 Datasheet HTML 14Page - Microchip Technology USB4624 Datasheet HTML 15Page - Microchip Technology USB4624 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001717A-page 12
 2014 Microchip Technology Inc.
3.1
Pin Descriptions
This section provides a detailed description of each pin. The signals are arranged in functional groups
according to their associated interface.
The “_N” symbol in the signal name indicates that the active, or asserted, state occurs when the signal
is at a low voltage level. For example, RESET_N indicates that the reset signal is active low. When
“_N” is not present after the signal name, the signal is asserted when at the high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working
with a mixture of “active low” and “active high” signals. The term assert, or assertion, indicates that a
signal is active, independent of whether that level is represented by a high or low voltage. The term
negate, or negation, indicates that a signal is inactive.
Note: The buffer type for each signal is indicated in the BUFFER TYPE column of Table 3.1. A
description of the buffer types is provided in Section 3.3.
Table 3.1 Pin Descriptions
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
USB/HSIC INTERFACES
1
Upstream
USB D+
(Flex Port 0)
FLEX_USBUP_DP
AIO
Upstream USB Port 0 D+ data signal.
See Note 3.2.
Note:
The upstream Port 0 signals can be
optionally swapped with the
downstream Port 1 signals.
Port 0 D+
Disable
Configuration
Strap
PRT_DIS_P0
IS
This strap is used in conjunction with
PRT_DIS_M0 to disable USB Port 0.
0 = Port 0 D+ Enabled
1 = Port 0 D+ Disabled
Note:
Both PRT_DIS_P0 and PRT_DIS_M0
must be tied to VDD33 at reset to place
Port 0 into HSIC mode.
See Note 3.3 for more information on
configuration straps.
1
Upstream
USB D-
(Flex Port 0)
FLEX_USBUP_DM
AIO
Upstream USB Port 0 D- data signal.
See Note 3.2.
Note:
The upstream Port 0 signals can be
optionally swapped with the
downstream Port 1 signals.
Port 0 D-
Disable
Configuration
Strap
PRT_DIS_M0
IS
This strap is used in conjunction with
PRT_DIS_P0 to disable USB Port 0.
0 = Port 0 D- Enabled
1 = Port 0 D- Disabled
Note:
Both PRT_DIS_P0 and PRT_DIS_M0
must be tied to VDD33 at reset to place
Port 0 into HSIC mode.
See Note 3.3 for more information on
configuration straps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com