Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 47 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 47 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 43Page - Microchip Technology USB4624 Datasheet HTML 44Page - Microchip Technology USB4624 Datasheet HTML 45Page - Microchip Technology USB4624 Datasheet HTML 46Page - Microchip Technology USB4624 Datasheet HTML 47Page - Microchip Technology USB4624 Datasheet HTML 48Page - Microchip Technology USB4624 Datasheet HTML 49Page - Microchip Technology USB4624 Datasheet HTML 50Page - Microchip Technology USB4624 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001717A-page 47
9.3.2
Suspend / Standby
9.3.2.1
Single Supply
The following tables detail the device power consumption when configured with a single VBAT supply
and an externally supplied VDD12 for HSIC For additional information on power connections, refer to
Chapter 4, "Power Connections," on page 21.
9.3.2.1.1
USB UPSTREAM
Note: Typical values measured with VBAT = 4.2V, VDD12 = 1.2V. Maximum values measured with
VBAT = 5.5V, VDD12 = 1.32V.
9.3.2.1.2
HSIC UPSTREAM
Note: Typical values measured with VBAT = 4.2V, VDD12 = 1.2V. Maximum values measured with
VBAT = 5.5V, VDD12 = 1.32V.
Table 9.3 Single Supply Suspend/Standby Power Consumption (USB Upstream)
MODE
SYMBOL
TYPICAL @ 25oCCOMMERCIAL
MAX
INDUSTRIAL
MAX
UNIT
Suspend
IVBAT
330
1200
1750
uA
IVDD12
5
550
800
uA
Standby
IVBAT
0.2
2.0
2.4
uA
Table 9.4 Single Supply Suspend/Standby Power Consumption (HSIC Upstream)
MODE
SYMBOL
TYPICAL @ 25oCCOMMERCIAL
MAX
INDUSTRIAL
MAX
UNIT
Suspend
IVBAT
120
1200
1450
uA
IVDD12
5
600
800
uA
Standby
IVBAT
0.2
1.9
2.3
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com