Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 28 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 24Page - Microchip Technology USB4624 Datasheet HTML 25Page - Microchip Technology USB4624 Datasheet HTML 26Page - Microchip Technology USB4624 Datasheet HTML 27Page - Microchip Technology USB4624 Datasheet HTML 28Page - Microchip Technology USB4624 Datasheet HTML 29Page - Microchip Technology USB4624 Datasheet HTML 30Page - Microchip Technology USB4624 Datasheet HTML 31Page - Microchip Technology USB4624 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001717A-page 28
 2014 Microchip Technology Inc.
Chapter 6 Device Configuration
The device supports a large number of features (some mutually exclusive), and must be configured in
order to correctly function when attached to a USB host controller. The hub can be configured either
internally or externally depending on the implemented interface.
Microchip provides a comprehensive software programming tool, Pro-Touch, for configuring the
USB4624 functions, registers and OTP memory. All configuration is to be performed via the Pro-Touch
programming tool. For additional information on the Pro-Touch programming tool, contact your local
Microchip sales representative.
6.1
Configuration Method Selection
The hub will interface to external memory depending on the configuration of the device pins associated
with each interface type. The device will first check whether an external SPI ROM is present. If present,
the device will operate entirely from the external ROM. When an external SPI ROM is not present, the
device will check whether the SMBus is configured. When the SMBus is enabled, it can be used to
configure the internal device registers via the XDATA address space, or to program the internal OTP
memory. If no external options are detected, the device will operate using the internal default and
configuration strap settings. The order in which device configuration is attempted is summarized below:
1. SPI (Reading the configuration from an SPI ROM)
2. SMBus (either writing the configuration registers in the XDATA address space, or to OTP)
3. Internal default settings (with or without configuration strap over-rides)
Note: Refer to Chapter 7, "Device Interfaces," on page 32 for detailed information on each device
configuration interface.
6.2
Customer Accessible Functions
The following USB or SMBus accessible functions are available to the customer via the Pro-Touch
Programming Tool.
Note: For additional programming details, refer to the Pro-Touch Programming Tool User Manual.
6.2.1
USB Accessible Functions
6.2.1.1
VSM commands over USB
By default, Vendor Specific Messaging (VSM) commands to the hub are enabled. The supported
commands are:
Enable Embedded Controller
Disable Embedded Controller
Enable Special Resume
Disable Special Resume
Reset Hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com