Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 43 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 43 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 39Page - Microchip Technology USB4624 Datasheet HTML 40Page - Microchip Technology USB4624 Datasheet HTML 41Page - Microchip Technology USB4624 Datasheet HTML 42Page - Microchip Technology USB4624 Datasheet HTML 43Page - Microchip Technology USB4624 Datasheet HTML 44Page - Microchip Technology USB4624 Datasheet HTML 45Page - Microchip Technology USB4624 Datasheet HTML 46Page - Microchip Technology USB4624 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001717A-page 43
8.5
Link Power Management (LPM)
The device supports the L0 (On), L1 (Sleep), and L2 (Suspend) link power management states per
the USB 2.0 Link Power Management Addendum. These supported LPM states offer low transitional
latencies in the tens of microseconds versus the much longer latencies of the traditional USB
suspend/resume in the tens of milliseconds. The supported LPM states are detailed in Table 8.3. For
additional information, refer to the USB 2.0 Link Power Management Addendum.
Note: State change timing is approximate and is measured by change in power consumption.
Note: System clocks are stopped only in suspend mode or when power is removed from the device.
8.6
Suspend (SUSPEND)
When enabled, the SUSPEND signal can be used to indicate that the entire hub has entered the USB
suspend state and that VBUS current consumption should be reduced in accordance with the USB
specification. Selective suspend set by the host on downstream hub ports have no effect on this signal
because there is no requirement to reduce current consumption from the upstream VBUS. Suspend
can be used by the system to monitor and dynamically adjust how much current the PMIC draws from
VBUS to charge the battery in the system during a USB session. Because it is a level indication, it will
assert or negate to reflect the current status of suspend without any interaction through the SMBus.
A negation of this signal indicates no level suspend interrupt and device has been configured by the
USB Host. The full configured current can be drawn from the USB VBUS pin on the USB connector
for charging - up to 500mA - depending on descriptor settings. When asserted, this signal indicates a
suspend interrupt or that the device has not yet been configured by USB Host. The current draw can
be limited by the system according to the USB specification. The USB specification limits current to
100mA before configuration, and up to 12.5mA in USB suspend mode.
Table 8.3 LPM State Definitions
STATE
DESCRIPTION
ENTRY/EXIT TIME TO L0
L2
Suspend
Entry: ~3 ms
Exit: ~2 ms
L1
Sleep
Entry: ~65 us
Exit: ~100 us
L0
Fully Enabled (On)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com