Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 38 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 34Page - Microchip Technology USB4624 Datasheet HTML 35Page - Microchip Technology USB4624 Datasheet HTML 36Page - Microchip Technology USB4624 Datasheet HTML 37Page - Microchip Technology USB4624 Datasheet HTML 38Page - Microchip Technology USB4624 Datasheet HTML 39Page - Microchip Technology USB4624 Datasheet HTML 40Page - Microchip Technology USB4624 Datasheet HTML 41Page - Microchip Technology USB4624 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001717A-page 38
 2014 Microchip Technology Inc.
Chapter 8 Functional Descriptions
This chapter provides additional functional descriptions of key device features.
8.1
Battery Charger Detection & Charging
The USB4624 supports both upstream battery charger detection and downstream battery charging.
The integrated battery charger detection circuitry supports the USB-IF Battery Charging (BC1.2)
detection method and most Apple devices. These circuits are used to detect the attachment and type
of a USB charger and provide an interrupt output to indicate charger information is available to be read
from the device’s status registers via the serial interface. The USB4624 provides the battery charging
handshake and supports the following USB-IF BC1.2 charging profiles:
DCP: Dedicated Charging Port (Power brick with no data)
CDP: Charging Downstream Port (1.5A with data)
SDP: Standard Downstream Port (0.5A with data)
Custom profiles loaded via SMBus or OTP
The following sub-sections detail the upstream battery charger detection and downstream battery
charging features.
8.1.1
Upstream Battery Charger Detection
Battery charger detection is available on the upstream facing port. The detection sequence is intended
to identify chargers which conform to the Chinese battery charger specification, chargers which
conform to the USB-IF Battery Charger Specification 1.2, and most Apple devices.
In order to detect the charger, the device applies and monitors voltages on the upstream DP and DM
pins. If a voltage within the specified range is detected, the device will be updated to reflect the proper
status.
The device includes the circuitry required to implement battery charging detection using the Battery
Charging Specification. When enabled, the device will automatically perform charger detection upon
entering the Hub.ChgDet stage in Hub Mode. The device includes a state machine to provide the
detection of the USB chargers listed in the table below.
Table 8.1 Chargers Compatible with Upstream Detection
USB ATTACH TYPE
DP/DM PROFILE
CHARGERTYPE
DCP (Dedicated Charging Port)
Shorted < 200ohm
001
CDP (Charging Downstream Port)
VDP reflected to VDM
010
(EnhancedChrgDet = 1)
SDP
(Standard Downstream Port)
USB Host or downstream hub port
15Kohm pull-down on DP and DM
011
Apple Low Current Charger
Apple
100
Apple High Current Charger
Apple
101
Apple Super High Current Charger
DP=2.7V
DM=2.0V
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com