Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 22 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 18Page - Microchip Technology USB4624 Datasheet HTML 19Page - Microchip Technology USB4624 Datasheet HTML 20Page - Microchip Technology USB4624 Datasheet HTML 21Page - Microchip Technology USB4624 Datasheet HTML 22Page - Microchip Technology USB4624 Datasheet HTML 23Page - Microchip Technology USB4624 Datasheet HTML 24Page - Microchip Technology USB4624 Datasheet HTML 25Page - Microchip Technology USB4624 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001717A-page 22
 2014 Microchip Technology Inc.
4.2.2
Dual Supply Configurations
4.2.2.1
VBAT + 1.8V
VBAT must be tied to the VBAT system supply. VDDCOREREG must be tied to the 1.8V system
supply. In this configuration, the 3.3V regulator and the 1.2V regulator will be active. For HSIC
operation, VDD12 must be tied to VDDCR12.
4.2.2.2
3.3V + 1.8V
VBAT must be tied to the 3.3V system supply. VDDCOREREG must be tied to the 1.8V system supply.
In this configuration the 3.3V regulator will operate in dropout mode and the 1.2V regulator will be
active. For HSIC operation, VDD12 must be tied to VDDCR12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com