Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 48 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 48 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 44Page - Microchip Technology USB4624 Datasheet HTML 45Page - Microchip Technology USB4624 Datasheet HTML 46Page - Microchip Technology USB4624 Datasheet HTML 47Page - Microchip Technology USB4624 Datasheet HTML 48Page - Microchip Technology USB4624 Datasheet HTML 49Page - Microchip Technology USB4624 Datasheet HTML 50Page - Microchip Technology USB4624 Datasheet HTML 51Page - Microchip Technology USB4624 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001717A-page 48
 2014 Microchip Technology Inc.
9.3.2.2
Dual Supply
The following tables detail the device power consumption when configured with a dual supply (VBAT
and 1.8V VDDCOREREG) and an externally supplied VDD12 for HSIC For additional information on
power connections, refer to Chapter 4, "Power Connections," on page 21.
9.3.2.2.1
USB UPSTREAM
Note: Typical values measured with VBAT = 4.2V, VDDCOREREG = 1.8V, VDD12 = 1.2V. Maximum
values measured with VBAT = 5.5V, VDDCOREREG = 2.0V, VDD12 = 1.32V.
9.3.2.2.2
HSIC UPSTREAM
Note: Typical values measured with VBAT = 4.2V, VDDCOREREG = 1.8V, VDD12 = 1.2V. Maximum
values measured with VBAT = 5.5V, VDDCOREREG = 2.0V, VDD12 = 1.32V.
Table 9.5 Dual Supply Suspend/Standby Power Consumption (USB Upstream)
MODE
SYMBOL
TYPICAL @ 25oCCOMMERCIAL
MAX
INDUSTRIAL
MAX
UNIT
Suspend
IVDDCOREREG
90
1000
1550
uA
IVBAT
230
300
700
uA
IVDD12
6.5
700
1000
uA
Standby
IVDDCOREREG
0.1
1.4
2.5
uA
IVBAT
0.4
2.1
2.5
uA
Table 9.6 Dual Supply Suspend/Standby Power Consumption (USB Upstream)
MODE
SYMBOL
TYPICAL @ 25oCCOMMERCIAL
MAX
INDUSTRIAL
MAX
UNIT
Suspend
IVDDCOREREG
90
900
1300
uA
IVBAT
30
550
750
uA
IVDD12
6.5
700
1100
uA
Standby
IVDDCOREREG
0.1
1.2
2.5
uA
IVBAT
2.0
2.1
2.5
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com