Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 21 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 17Page - Microchip Technology USB2422 Datasheet HTML 18Page - Microchip Technology USB2422 Datasheet HTML 19Page - Microchip Technology USB2422 Datasheet HTML 20Page - Microchip Technology USB2422 Datasheet HTML 21Page - Microchip Technology USB2422 Datasheet HTML 22Page - Microchip Technology USB2422 Datasheet HTML 23Page - Microchip Technology USB2422 Datasheet HTML 24Page - Microchip Technology USB2422 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
2013 - 2015 Microchip Technology Inc.
DS00001726B-page 21
USB2422
4.4.1
VENDOR ID LEAST SIGNIFICANT BIT REGISTER (VIDL)
4.4.2
VENDOR ID MOST SIGNIFICANT BIT REGISTER (VIDM)
4.4.3
PRODUCT ID LEAST SIGNIFICANT BIT REGISTER (PIDL)
4.4.4
PRODUCT ID MOST SIGNIFICANT BIT REGISTER (PIDM)
Offset:
00h
Size:
8 bits
Bits
Description
Type
Default
7:0
Least Significant Byte of the Vendor ID (VID_LSB)
This is a 16-bit value that uniquely identifies the Vendor of the user device
(assigned by USB-Interface Forum). This field is set by the OEM using the
SMBus interface option.
R/W
00h
Address:
01h
Size:
8 bits
Bits
Description
Type
Default
7:0
Most Significant Byte of the Vendor ID (VID_LSB)
This is a 16-bit value that uniquely identifies the Vendor of the user device
(assigned by USB-Interface Forum). This field is set by the OEM using the
SMBus interface options.
R/W
00h
Address:
02h
Size:
8 bits
Bits
Description
Type
Default
7:0
Least Significant Byte of the Product ID (PID_LSB)
This is a 16-bit value that the Vendor can assign that uniquely identifies this
particular product (assigned by OEM). This field is set by the OEM using the
SMBus interface options.
R/W
00h
Address:
03h
Size:
8 bits
Bits
Description
Type
Default
7:0
Most Significant Byte of the Product ID (PID_LSB)
This is a 16-bit value that the Vendor can assign that uniquely identifies this
particular product (assigned by OEM). This field is set by the OEM using
either SMBus interface options.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com