Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 24 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 20Page - Microchip Technology USB2422 Datasheet HTML 21Page - Microchip Technology USB2422 Datasheet HTML 22Page - Microchip Technology USB2422 Datasheet HTML 23Page - Microchip Technology USB2422 Datasheet HTML 24Page - Microchip Technology USB2422 Datasheet HTML 25Page - Microchip Technology USB2422 Datasheet HTML 26Page - Microchip Technology USB2422 Datasheet HTML 27Page - Microchip Technology USB2422 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
USB2422
DS00001726B-page 24
2013 - 2015 Microchip Technology Inc.
3
EOP Disable (EOP_DISABLE)
Disables EOP generation of EOF1 when in Full-Speed mode. During FS
operation only, this permits the Hub to send EOP if no downstream traffic is
detected at EOF1. See Section 11.3.1 of the USB 2.0 Specification for
additional details.
Note:
generation of an EOP at the EOF1 point may prevent a Host
controller (operating in FS mode) from placing the USB bus in
suspend.
0 = An EOP is generated at the EOF1 point if no traffic is detected
1 = EOP generation at EOF1 is disabled (Note: This is normal USB
operation)
Note:
This is a rarely used feature in the PC environment. It is included
because it is a permitted feature in Chapter 11 of the USB
specification.
R/W
0b
2:1
Over Current Sense (CURRENT_SNS)
Selects current sensing on a port-by-port basis, all ports ganged, or none
(only for bus-powered hubs) The ability to support current sensing on a port
or ganged basis is hardware implementation dependent.
00 = Ganged sensing (all ports together)
01 = Individual port-by-port
1x = Over current sensing not supported (Must only be used with Bus-
Powered configurations)
R/W
00b
0
Port Power Switching (PORT_PWR)
Enables power switching on all ports simultaneously (ganged), or port power
is individually switched on and off on a port- by-port basis (individual). The
ability to support power enabling on a port or ganged basis is hardware
implementation dependent.
0 = Ganged switching (all ports together)
1 = Individual port-by-port switching
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com