Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 12Page - Microchip Technology USB2422 Datasheet HTML 13Page - Microchip Technology USB2422 Datasheet HTML 14Page - Microchip Technology USB2422 Datasheet HTML 15Page - Microchip Technology USB2422 Datasheet HTML 16Page - Microchip Technology USB2422 Datasheet HTML 17Page - Microchip Technology USB2422 Datasheet HTML 18Page - Microchip Technology USB2422 Datasheet HTML 19Page - Microchip Technology USB2422 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
USB2422
DS00001726B-page 16
2013 - 2015 Microchip Technology Inc.
4.0
CONFIGURATION OPTIONS
Microchip’s USB 2.0 hub is fully compliant with the USB Specification [1]. Refer to Chapter 10 (Hub Specification) for
general details regarding hub operation and functionality.
The hub provides one Transaction Translator (TT) that is shared by both downstream ports (defined as Single-TT con-
figuration). The TT contains 4 non-periodic buffers.
4.1
Hub Configuration
The USB2422 only supports internal defaults with the exception of the non-removable strap option (using
NON_REM[1:0]). The hub internal default settings are as follows:
• Internal Default Configuration without over-rides
• Strap options enabled
• Self-powered operation enabled
• Individual power switching
• Individual over-current sensing
4.2
Resets
There are two device resets: a hardware reset via RESET_N, and a USB Bus Reset.
4.2.1
EXTERNAL HARDWARE RESET_N
A valid hardware reset is defined as assertion of RESET_N for a minimum of 1
μs after all power supplies are within
operating range. While reset is asserted, the hub (and its associated external circuitry) consumes less than 500
μA of
current from the upstream USB power source.
Assertion of RESET_N causes the following:
1.
All downstream ports are disabled.
2.
The PRTPWR power to downstream devices is turned on when battery charging is enabled for a specific port,
and removed when battery charging is disabled for a specific port.
3.
The PHYs are disabled, and the differential pairs will be in a high-impedance state.
4.
All transactions immediately terminate; no states are saved.
5.
All internal registers return to the default state (in most cases, 00h).
6.
The external crystal oscillator is halted.
7.
The PLL is halted.
TABLE 4-1:
HUB CONFIGURATION OPTIONS
CFG_SEL
Description
0
Default configuration:
• Strap options enabled
• Hub descriptors indicate the hub as “self-powered”
1
The hub is configured externally over SMBus (as an SMBus slave
device with address 0101100b):
• Strap options disabled
• Self-powered or bus-powered depending on register settings
• All registers configured over SMBus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com