Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 6Page - Microchip Technology USB2422 Datasheet HTML 7Page - Microchip Technology USB2422 Datasheet HTML 8Page - Microchip Technology USB2422 Datasheet HTML 9Page - Microchip Technology USB2422 Datasheet HTML 10Page - Microchip Technology USB2422 Datasheet HTML 11Page - Microchip Technology USB2422 Datasheet HTML 12Page - Microchip Technology USB2422 Datasheet HTML 13Page - Microchip Technology USB2422 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
USB2422
DS00001726B-page 10
2013 - 2015 Microchip Technology Inc.
2.4
Buffer Type Descriptions
2.5
Strap Pin Configuration
If a pin's strap function is enabled through hub configuration selection (Table 4-1), the strap pins must be pulled either
high or low using the values provided in Table 2-4. Each strap option is dependent on the pin’s buffer type, as outlined
in the sections that follow.
POWER, GROUND, and NO CONNECTS
1
9
18
VDD33
3.3 V power to the chip.
A 1.0
μF low-ESR capacitor to VSS is required on pin 9 as close as
possible to the pin. A 0.1
μF low-ESR capacitor to VSS is required on
pin 1 as close as possible to the pin.
10
CRFILT
VDD Core Regulator Filter Capacitor:
This pin requires a 1.0
μF low-ESR capacitor to VSS for proper
operation.
23
PLLFILT
PLL Regulator Filter Capacitor:
This pin can have up to a 0.1
μF low-ESR capacitor to VSS, or be left
unconnected.
VSS
Ground Pad/ePad:
The package slug is the only VSS for the device and must be tied to
ground with multiple vias.
TABLE 2-3:
BUFFER TYPE DESCRIPTIONS
Buffer
Description
I/O
Input/Output
IPD
Input with internal weak pull-down resistor
IPU
Input with internal weak pull-up resistor
IS
Input with Schmitt trigger
I/O12
Input/Output buffer with 12 mA sink and 12 mA source
ICLKx
XTAL clock input
OCLKx
XTAL clock output
I-R
RBIAS
I/O-U
Analog Input/Output defined in USB specification
TABLE 2-4:
STRAP OPTION SUMMARY
Strap Option
Resistor Value
Buffer Type
Notes
Non-Removable
47 - 100 k
Ω
I/O
Internal Pull-Down (IPD)
10 k
Ω
IPD
• Only applicable to port power pins
• Contains a built-in resistor
LED
47 - 100 k
Ω
I/O
TABLE 2-2:
USB2422 PIN DESCRIPTIONS (CONTINUED)
Pin #
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com