Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 25 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 25 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 21Page - Microchip Technology USB2422 Datasheet HTML 22Page - Microchip Technology USB2422 Datasheet HTML 23Page - Microchip Technology USB2422 Datasheet HTML 24Page - Microchip Technology USB2422 Datasheet HTML 25Page - Microchip Technology USB2422 Datasheet HTML 26Page - Microchip Technology USB2422 Datasheet HTML 27Page - Microchip Technology USB2422 Datasheet HTML 28Page - Microchip Technology USB2422 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
2013 - 2015 Microchip Technology Inc.
DS00001726B-page 25
USB2422
4.4.8
CONFIGURATION DATA BYTE 2 REGISTER (CFG2)
Address:
07h
Size:
8 bits
Bits
Description
Type
Default
7
Dynamic Power Enable (DYNAMIC)
Controls the ability of the Hub to automatically change from Self-Powered
operation to Bus- Powered operation if the local power source is removed or
is unavailable (and from Bus-Powered to Self-Powered if the local power
source is restored).
Note:
If the local power source is available, the Hub will always switch to
Self-Powered operation.
When Dynamic Power switching is enabled, the Hub detects the availability
of a local power source by monitoring the external LOCAL_PWR pin. If the
Hub detects a change in power source availability, the Hub immediately
disconnects and removes power from all downstream devices and
disconnects the upstream port. The Hub will then re-attach to the upstream
port as either a Bus-Powered Hub (if local-power is unavailable) or a Self-
Powered Hub (if local power is available).
0 = No Dynamic auto-switching
(pin becomes SUSP_IND) and the hub controller will utilize the inverse of the
SELF_BUS_PWR bit for 'Hub_Status_Field' bit '0' (local power source)
1 = Dynamic Auto-switching capable
(pin becomes LOCAL_PWR) and the hub controller will utilize the
LOCAL_PWR pin for 'Hub_Status_Field' bit '0' (local power source)
R/W
0b
6
RESERVED
--
5:4
Over Current Timer Delay (OC_TIMER)
00 = 0.1ms
01 = 4ms
10 = 8ms
11 = 16ms
R/W
00b
3
Compound Device (COMPOUND)
Allows the OEM to indicate that the Hub is part of a compound (see the USB
Specification for definition) device. The applicable port(s) must also be
defined as having a “Non-Removable Device”.
Note:
When configured via strapping options, declaring a port as non-
removable automatically causes the hub controller to report that it
is part of a compound device.
0 = No
1 = Yes, Hub is part of a compound device
R/W
0b
2:0
RESERVED
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com