Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 9Page - Microchip Technology USB2422 Datasheet HTML 10Page - Microchip Technology USB2422 Datasheet HTML 11Page - Microchip Technology USB2422 Datasheet HTML 12Page - Microchip Technology USB2422 Datasheet HTML 13Page - Microchip Technology USB2422 Datasheet HTML 14Page - Microchip Technology USB2422 Datasheet HTML 15Page - Microchip Technology USB2422 Datasheet HTML 16Page - Microchip Technology USB2422 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
2013 - 2015 Microchip Technology Inc.
DS00001726B-page 13
USB2422
Note 2-1
COUTCR should be placed as close as possible to pin 9
Note 2-2
COUTPLL should be placed as close as possible to pin 1
TABLE 2-5:
EXAMPLE APPLICATIONS - RESISTOR/CAPACITOR VALUES
Designator
Value
R1
20 k
Ω
R2
50 k
Ω
Cx
18 pF
CBYP
1.0 uF
COUTCR
1.0 uF
(Note 2-1)
COUTPLL
0.1 uF
(Note 2-2)
RBIAS
12 k
Ω
RVBUS
100 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com