Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 7 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 3Page - Microchip Technology USB2422 Datasheet HTML 4Page - Microchip Technology USB2422 Datasheet HTML 5Page - Microchip Technology USB2422 Datasheet HTML 6Page - Microchip Technology USB2422 Datasheet HTML 7Page - Microchip Technology USB2422 Datasheet HTML 8Page - Microchip Technology USB2422 Datasheet HTML 9Page - Microchip Technology USB2422 Datasheet HTML 10Page - Microchip Technology USB2422 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
2013 - 2015 Microchip Technology Inc.
DS00001726B-page 7
USB2422
2.2
Pin Table
2.3
Pin Descriptions (Grouped by Function)
TABLE 2-1:
USB2422 PIN TABLE
UPSTREAM USB 2.0 INTERFACES (3 PINS)
USBDM_UP
usbDM_UP
VBUS_DET
DOWNSTREAM 2-PORT USB 2.0 INTERFACES (9 PINS)
USBDP_DN1/
PRT_DIS_P1
USBDM_DN1/
PRT_DIS_M1
USBDP_DN2/
PRT_DIS_P2
USBDM_DN2/
PRT_DIS_M2
PRTPWR1/
BC_EN1
PRTPWR2
OCS1_N
OCS2_N
RBIAS
SERIAL PORT INTERFACE (2 PINS)
SMBDATA/
NON_REM1
SMBCLK/
CFG_SEL
MISC (5 PINS)
XTALIN/
CLKIN
XTALOUT/
CLKIN_EN
RESET_N
SUSP_IND/
LOCAL_PWR/
NON_REM0
NC
POWER, GROUND, AND NO CONNECTS (5 PINS)
(3) VDD33
CRFILT
PLLFILT
VSS
TOTAL 24
TABLE 2-2:
USB2422 PIN DESCRIPTIONS
Pin #
Symbol
Buffer Type
Description
UPSTREAM USB 2.0 INTERFACES
19
20
USBDM_UP
USBDP_UP
IO-U
USB Bus Data:
Connect to the upstream USB bus data signals (host, port, or upstream
hub).
16
VBUS_DET
I
Detect Upstream VBUS Power:
Detects the state of upstream VBUS power. The hub monitors
VBUS_DET to determine when to assert the internal D+ pull-up resistor
(signalling a connect event)
When designing a detachable hub, this pin should be connected to
VBUS on the upstream port via a 2:1 voltage divider. Two 100 k
Ω
resistors are suggested.
For self-powered applications with a permanently attached host, this pin
must be connected to a dedicated host control output, or connected to
the 3.3 V domain that powers the host (typically VDD33).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com