Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 29 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 25Page - Microchip Technology USB2422 Datasheet HTML 26Page - Microchip Technology USB2422 Datasheet HTML 27Page - Microchip Technology USB2422 Datasheet HTML 28Page - Microchip Technology USB2422 Datasheet HTML 29Page - Microchip Technology USB2422 Datasheet HTML 30Page - Microchip Technology USB2422 Datasheet HTML 31Page - Microchip Technology USB2422 Datasheet HTML 32Page - Microchip Technology USB2422 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
2013 - 2015 Microchip Technology Inc.
DS00001726B-page 29
USB2422
4.4.16
HUB CONTROLLER MAX POWER FOR BUS-POWERED OPERATION REGISTER (HCMCB)
4.4.17
POWER-ON TIME REGISTER (PWRT)
4.4.18
LANGUAGE ID HIGH REGISTER (LANGIDH)
4.4.19
LANGUAGE ID LOW REGISTER (LANGIDL)
4.4.20
MANUFACTURER STRING LENGTH REGISTER (MFRSL)
Address:
0Fh
Size:
8 bits
Bits
Description
Type
Default
7:0
Hub Controller Max Power Bus-Powered (MAX_PWR_BP)
Value in 2mA increments that the Hub consumes from an upstream port
(VBUS) when operating as a bus- powered hub. This value will include the
hub silicon along with the combined power consumption (from VBUS) of all
associated circuitry on the board. This value will NOT include the power
consumption of a permanently attached peripheral if the hub is configured as
a compound device.
R/W
00h
Address:
10h
Size:
8 bits
Bits
Description
Type
Default
7:0
Power-On Time (POWER_ON_TIME)
The length of time that is takes (in 2 ms intervals) from the time the host
initiated power-on sequence begins on a port until power is good on that
port. System software uses this value to determine how long to wait before
accessing a powered-on port.
R/W
00h
Address:
11h
Size:
8 bits
Bits
Description
Type
Default
7:0
USB Language ID High (LANG_ID_H)
Upper 8 bits of the 16-bit language ID field.
R/W
00h
Address:
12h
Size:
8 bits
Bits
Description
Type
Default
7:0
USB Language ID Low (LANG_ID_L)
Lower 8 bits of the 16-bit language ID field.
R/W
00h
Address:
13h
Size:
8 bits
Bits
Description
Type
Default
7:0
Manufacturer String Length (MFR_STR_LEN)
Maximum string length is 31 characters.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com