Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 22 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 18Page - Microchip Technology USB2422 Datasheet HTML 19Page - Microchip Technology USB2422 Datasheet HTML 20Page - Microchip Technology USB2422 Datasheet HTML 21Page - Microchip Technology USB2422 Datasheet HTML 22Page - Microchip Technology USB2422 Datasheet HTML 23Page - Microchip Technology USB2422 Datasheet HTML 24Page - Microchip Technology USB2422 Datasheet HTML 25Page - Microchip Technology USB2422 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
USB2422
DS00001726B-page 22
2013 - 2015 Microchip Technology Inc.
4.4.5
DEVICE ID LEAST SIGNIFICANT BIT REGISTER (DIDL)
4.4.6
DEVICE ID MOST SIGNIFICANT BIT REGISTER (DIDM)
Address:
04h
Size:
8 bits
Bits
Description
Type
Default
7:0
Least Significant Byte of the Device ID (DID_LSB)
This is a 16-bit device release number in BCD format (assigned by OEM).
This field is set by the OEM using either the SMBus interface options.
R/W
00h
Address:
05h
Size:
8 bits
Bits
Description
Type
Default
7:0
Most Significant Byte of the Device ID (DID_LSB)
This is a 16-bit device release number in BCD format (assigned by OEM).
This field is set by the OEM using the SMBus interface options.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com