Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 8Page - Microchip Technology USB2422 Datasheet HTML 9Page - Microchip Technology USB2422 Datasheet HTML 10Page - Microchip Technology USB2422 Datasheet HTML 11Page - Microchip Technology USB2422 Datasheet HTML 12Page - Microchip Technology USB2422 Datasheet HTML 13Page - Microchip Technology USB2422 Datasheet HTML 14Page - Microchip Technology USB2422 Datasheet HTML 15Page - Microchip Technology USB2422 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
USB2422
DS00001726B-page 12
2013 - 2015 Microchip Technology Inc.
2.6
Example Applications
Figure 2-5 and Figure 2-6 depict example applications for an SoC based design and a non-SoC based design, respec-
tively. The corresponding resistor and capacitor values for these examples are provided in Table 2-5.
FIGURE 2-5:
EXAMPLE APPLICATION - SOC BASED DESIGN
FIGURE 2-6:
EXAMPLE APPLICATION - NON-SOC BASED DESIGN
Embedded
Device
SOC
USB2422
SMBCLK
SMBDATA
RESET_N
XTALOUT
XTALIN
SUSP_IND
RBIAS
VDD33 (1,9,18)
PLLFILT
CRFILT
N/C
PRTPWR1
OCS1_N
USBDP_DN1
USBDM_DN1
PRTPWR2(11)
OCS2_N(12)
USBDP_DN2
USBDM_DN2
GND
RBIAS
CBYP
COUTCR
COUTPLL
Vcc
USB Switch
Enable
FAULT_N
RESET_N
Clock
VBUS_DET
USBDP_UP
USBDM_UP
Connector
3.3V
USB
Connector
RVBUS
RVBUS
USB2422
VBUS_DET
USBDP_UP
USBDM_UP
CFG_SEL0(14)
NON_REM1(13)
RESET_N
XTAL1(22)
XTAL2(21)
NON_REM0(17)
RBIAS
VDD33 (1,9,18)
PLLFILT
CRFILT
N/C
PRTPWR2(11)
OCS2_N(12)
USBDP_DN2
USBDM_DN2
PRTPWR1
OCS1_N
USBDP_DN1
USBDM_DN1
GND
R2
R2
RBIAS
CBYP
COUTCR
COUTPLL
USB
Connector
RVBUS
RVBUS
R2
Vcc
Vcc
24MHz
Cx
Cx
R1
Vcc
Non-removable
Device
Charger
Enabled
Port
Power
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com