Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 1 Page - Microchip Technology

  USB2422 Datasheet HTML 1Page - Microchip Technology USB2422 Datasheet HTML 2Page - Microchip Technology USB2422 Datasheet HTML 3Page - Microchip Technology USB2422 Datasheet HTML 4Page - Microchip Technology USB2422 Datasheet HTML 5Page - Microchip Technology USB2422 Datasheet HTML 6Page - Microchip Technology USB2422 Datasheet HTML 7Page - Microchip Technology USB2422 Datasheet HTML 8Page - Microchip Technology USB2422 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
 2013 - 2015 Microchip Technology Inc.
DS00001726B-page 1
General Description
The Microchip USB2422 hub is a low-power, single
transaction translator, hub controller IC with two down-
stream ports for embedded USB solutions. The hub
controller can attach to an upstream port as a Hi-Speed
and Full-Speed hub or as a Full-Speed only hub. The
hub supports Low-Speed, Full-Speed, and Hi-Speed
(when configured as a Hi-Speed hub) downstream
devices on the enabled downstream ports.
All required resistors on the USB ports are integrated
into the hub. This includes all series termination resis-
tors on D+ and D- pins and all required pull-down and
pull-up resistors on D+ and D- pins. The over-current
sense inputs for the downstream facing ports have
internal pull-up resistors.
Features
• Supports the USB Battery Charging Specification,
Revision 1.1
• Fully integrated USB termination and pull-up/pull-
down resistors
• Supports a single external 3.3 V supply source;
internal regulators provide 1.2 V internal core volt-
age
• On-chip driver for 24 MHz crystal resonator or
external 24 MHz clock input
• ESD protection up to 6 kV on all USB pins
• Supports self-powered operation
• The hub contains a built-in default configuration;
no external configuration options or components
are required
• Downstream ports as non-removable ports
• Downstream port power control and over-current
detection on an individual or ganged basis
• Supports compound devices on a port-by-port
basis
• 24-pin SQFN (4x4 mm), RoHS-compliant pack-
age
• Commercial temperature range support:
0ºC to +70ºC
• Industrial temperature range support:
-40ºC to +85ºC
Highlights
• High performance, low-power, small footprint hub
controller IC with two downstream ports
• Fully compliant with the USB 2.0 Specification
• Optimized for minimal bill-of-materials and low-
cost designs
Applications
• LCD monitors and TVs
• Multi-function USB peripherals
• PC motherboards
• Set-top boxes, DVD players, DVR/PVR
• Printers and scanners
• PC media drive bay
• Portable hub boxes
• Mobile PC docking
• Embedded systems
• Gaming consoles
• Cable/DSL modems
• HDD enclosures
• KVM switches
• Server front panels
• Point-of-Sale (POS) systems
• IP telephony
• Automobile/home audio systems
• Thin client terminals
USB2422
2-Port USB 2.0 Hi-Speed Hub Controller


Similar Part No. - USB2422

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2422-I/MJ SMSC-USB2422-I/MJ Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2422/MJ SMSC-USB2422/MJ Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2422T-I/MJ SMSC-USB2422T-I/MJ Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2422T/MJ SMSC-USB2422T/MJ Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
More results

Similar Description - USB2422

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2532 SMSC-USB2532 Datasheet
880Kb / 60P
USB 2.0 Hi-Speed 2-Port Hub Controller
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
USB2412-DZK SMSC-USB2412-DZK Datasheet
643Kb / 27P
2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2532 MICROCHIP-USB2532 Datasheet
535Kb / 50P
USB 2.0 Hi-Speed 2-Port Hub Controller
03/25/14
USB2533 MICROCHIP-USB2533 Datasheet
537Kb / 50P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB3813 MICROCHIP-USB3813 Datasheet
522Kb / 57P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com