Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 17 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 13Page - Microchip Technology USB2422 Datasheet HTML 14Page - Microchip Technology USB2422 Datasheet HTML 15Page - Microchip Technology USB2422 Datasheet HTML 16Page - Microchip Technology USB2422 Datasheet HTML 17Page - Microchip Technology USB2422 Datasheet HTML 18Page - Microchip Technology USB2422 Datasheet HTML 19Page - Microchip Technology USB2422 Datasheet HTML 20Page - Microchip Technology USB2422 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
2013 - 2015 Microchip Technology Inc.
DS00001726B-page 17
USB2422
4.2.1.1
Hub Configuration Timing for Strapping Option
4.2.2
USB BUS RESET
In response to the upstream port signaling a reset to the hub, the hub does the following:
1.
Sets default address to 0.
2.
Sets configuration to unconfigured.
3.
The PRTPWR power to downstream devices is turned on when battery charging is enabled for a specific port,
and removed when battery charging is disabled for a specific port.
4.
Clears all TT buffers.
5.
Moves device from suspended to active (if suspended).
6.
Complies with Section 11.10 of the USB 2.0 Specification for behavior after completion of the reset sequence.
The host then configures the hub and the hub’s downstream port devices in accordance with the specification.
The hub does not propagate the upstream USB reset to downstream devices.
FIGURE 4-1:
HUB CONFIGURATION TIMING
TABLE 4-2:
HUB CONFIGURATION TIMING
Name
Description
MIN
TYP
MAX
Units
t1
RESET_N asserted
1
μsec
t2
Strap setup time
16.7
nsec
t3
Strap hold time
16.7
1400
nsec
t4
Hub outputs driven to inactive logic states
1.5
2
μsec
t5
USB attach (See Note)
3
μsec
t6
Host acknowledges attach and signals USB reset
100
msec
t7
USB idle
undefined
msec
t8
Completion time for requests (with or without data
stage)
5
msec
Note:
All power supplies must have reached the operating levels mandated in Section 5.0, "DC Parameters",
prior to (or coincident with) the assertion of RESET_N.
t1
t4
t5
t6
t7
t8
Valid
Driven by Hub if strap is an output
RESET_N
VSS
NON_REM[1:0]
VSS
Hardware
reset asserted
Read
NON_REM[1:0]
Drive Strap
Outputs to
inactive levels
Attach
USB
Upstream
Attach
Debounce
Interval
Idle
Start completion
request response
t2
t3
Don’t Care
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com