Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 6 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 6 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 2Page - Microchip Technology USB2422 Datasheet HTML 3Page - Microchip Technology USB2422 Datasheet HTML 4Page - Microchip Technology USB2422 Datasheet HTML 5Page - Microchip Technology USB2422 Datasheet HTML 6Page - Microchip Technology USB2422 Datasheet HTML 7Page - Microchip Technology USB2422 Datasheet HTML 8Page - Microchip Technology USB2422 Datasheet HTML 9Page - Microchip Technology USB2422 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
USB2422
DS00001726B-page 6
 2013 - 2015 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
This chapter is organized by a set of pin configurations followed by a corresponding pin list organized by function
according to their associated interface. A detailed description list of each signal (named in the pin list) is organized by
function in Table 2-2, “USB2422 Pin Descriptions,” on page 7. Refer to Table 2-3, “Buffer Type Descriptions,” on page 10
for a list of buffer types.
An N at the end of a signal name indicates that the active (asserted) state occurs when the signal is at a low voltage
level. When the N is not present, the signal is asserted when it is at a high voltage level. The terms assertion and nega-
tion are used exclusively in order to avoid confusion when working with a mixture of active low and active high signals.
The term assert, or assertion, indicates that a signal is active, independent of whether that level is represented by a high
or low voltage. The term negate, or negation, indicates that a signal is inactive.
2.1
Pin Configuration
FIGURE 2-1:
USB2422 24-Pin SQFN
Thermal Slug
(must be connected to VSS)
12
11
10
9
8
7
USBDP_UP
19
XTALOUT/(CLKIN_EN)
20
XTALIN/CLKIN
21
RBIAS
24
23
PLLFILT
22
USBDM_UP
Indicates pins on the bottom of the device.
OCS1_N
PRTPWR1/(BC_EN1)
VDD33
CRFILT
PRTPWR2
OCS2_N
USB2422
(Top View SQFN-24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com