Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 8 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 4Page - Microchip Technology USB2422 Datasheet HTML 5Page - Microchip Technology USB2422 Datasheet HTML 6Page - Microchip Technology USB2422 Datasheet HTML 7Page - Microchip Technology USB2422 Datasheet HTML 8Page - Microchip Technology USB2422 Datasheet HTML 9Page - Microchip Technology USB2422 Datasheet HTML 10Page - Microchip Technology USB2422 Datasheet HTML 11Page - Microchip Technology USB2422 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
USB2422
DS00001726B-page 8
2013 - 2015 Microchip Technology Inc.
DOWNSTREAM USB 2.0 INTERFACES
5
3
and
4
2
USBDP_DN[2:1]/
PRT_DIS_P[2:1]
and
USBDN_DN[2:1]/
PRT_DIS_M[2:1]
IO-U
Hi-Speed USB Data:
Connect to the downstream USB peripheral devices attached to the
hub’s ports.
Port Disable Strap Option:
If this strap is enabled by package and configuration settings (see
Table 4-1, "Hub Configuration Options"), this pin will be sampled at
RESET_N negation to determine if the port is disabled.
Both USB data pins for the corresponding port must be tied to VDD33
to disable the associated downstream port.
7
PRTPWR1/
O12
USB Power Enable:
Enables power to USB peripheral devices that are downstream, where
the hub supports active high power controllers only.
BC_EN1
IPD
Battery Charging Strap Option:
Port 1 pin will be sampled at RESET_N negation to determine if port 1
supports the battery charging protocol (and thus the supporting external
port power controllers) that would enable a device to draw the currents
per the USB Battery Charging Specification.
This pin has an internal pull-down that will be removed after the strap
option hold time is completed.
BC_EN1= 1: Battery charging feature is supported for port 1
BC_EN1= 0: Battery charging feature is not supported for port 1
11
PRTPWR2
O12
USB Power Enable:
Enables power to USB peripheral devices that are downstream, where
the hub supports active high power controllers only.
8
12
OCS1_N
OCS2_N
IPU
Over-Current Sense:
Input from external current monitor indicating an over-current condition.
This pin contains an internal pull-up to the 3.3 V supply.
24
RBIAS
I-R
USB Transceiver Bias:
A12.0 k
Ω (+/- 1%) resistor is attached from ground to this pin to set the
transceiver’s internal bias settings.
SERIAL PORT INTERFACE
13
SMBDATA
I/OSD12
System Management Bus Data
NON_REM1
Non-removable Port Strap Option:
This pin is sampled (in conjunction with SUSP_IND/NON_REM0) at
RESET_N negation to determine if ports [2:1] contain permanently
attached (non-removable) devices:
NON_REM[1:0] = 00: all ports are removable
NON_REM[1:0] = 01: port 1 is non-removable
NON_REM[1:0] = 10: ports 1 and 2 are non-removable
NON_REM[1:0] = 11: reserved
See Section 2.5, "Strap Pin Configuration" for details.
14
SMBCLK/
I/OSD12
System Management Bus Clock
CFG_SEL
Configuration Select:
The logic state of this multifunction pin is internally latched on the rising
edge of RESET_N (RESET_N negation), and will determine the hub
configuration method as described in Table 4-1.
TABLE 2-2:
USB2422 PIN DESCRIPTIONS (CONTINUED)
Pin #
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com