Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 33 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 29Page - Microchip Technology USB2422 Datasheet HTML 30Page - Microchip Technology USB2422 Datasheet HTML 31Page - Microchip Technology USB2422 Datasheet HTML 32Page - Microchip Technology USB2422 Datasheet HTML 33Page - Microchip Technology USB2422 Datasheet HTML 34Page - Microchip Technology USB2422 Datasheet HTML 35Page - Microchip Technology USB2422 Datasheet HTML 36Page - Microchip Technology USB2422 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
2013 - 2015 Microchip Technology Inc.
DS00001726B-page 33
USB2422
4.4.30
PORT 1/2 REMAP REGISTER (PRTR12)
Address:
FBh
Size:
8 bits
Bits
Description
Type
Default
7:0
Port 1/2 Remap (PRTR12)
When a hub is enumerated by a USB Host Controller, the hub is only
permitted to report how many ports it has, the hub is not permitted to select
a numerical range or assignment. The Host Controller will number the
downstream ports of the hub starting with the number '1', up to the number
of ports that the hub reported as having.
The host's port number is referred to as “Logical Port Number” and the
physical port on the hub is the “Physical Port Number”. When remapping
mode is enabled (PRTMAP_EN in the Configuration Data Byte 3 Register
(CFG3)), the hub's downstream port numbers can be remapped to different
logical port numbers assigned by the host.
Note:
The OEM must ensure that Contiguous Logical Port Numbers are
used, starting from one up to the maximum number of enabled
ports. This ensures that the hub's ports are numbered in
accordance with the way a Host will communicate with the ports.
R/W
00h
Bits[7:4] =
0000
Physical Port 2 is disabled
0001
Physical Port 2 is mapped to Logical Port 1
0010
Physical Port 2 is mapped to Logical Port 2
0011
to
1111
RESERVED
Will default to 0000 value.
Bits[3:0] =
0000
Physical Port 1 is disabled
0001
Physical Port 1 is mapped to Logical Port 1
0010
Physical Port 1 is mapped to Logical Port 2
0011
to
1111
RESERVED
Will default to 0000 value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com