Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 45 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 45 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 39Page - Microchip Technology USB2422 Datasheet HTML 40Page - Microchip Technology USB2422 Datasheet HTML 41Page - Microchip Technology USB2422 Datasheet HTML 42Page - Microchip Technology USB2422 Datasheet HTML 43Page - Microchip Technology USB2422 Datasheet HTML 44Page - Microchip Technology USB2422 Datasheet HTML 45Page - Microchip Technology USB2422 Datasheet HTML 46Page - Microchip Technology USB2422 Datasheet HTML 47Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
2013 - 2015 Microchip Technology Inc.
DS00001726B-page 45
USB2422
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
USB2422
Temperature
Range:
Blank
=
0
°C to +70°C
(Commercial)
I= -40
°C to +85°C
(Industrial)
Package:
MJ
=
24-pin SQFN (4 x 4 mm)
Tape and Reel
Option:
Blank
= Standard packaging (tray)
TR
= Tape and Reel (1)
Examples:
a)
USB2422/MJ
Commercial temperature,
24-pin SQFN (4 x 4 mm) Tray
b)
USB2422T/MJ
Commercial temperature,
24-pin SQFN (4 x 4 mm) Tape & Reel
c)
USB2422-I/MJ
Industrial temperature,
24-pin SQFN (4 x 4 mm) Tray
d)
USB2422T-I/MJ
Industrial temperature,
24-pin SQFN (4 x 4 mm) Tape & Reel
Note 1: Tape and Reel identifier only appears in the cat-
alog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option. Reel size is 5,000.
PART NO.
[X]
XXX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com